Electronic Components Datasheet Search
  English  ▼

X  

CL1503IR Datasheet(PDF) 7 Page - CHIPLINK SEMICONDUCTOR

Part # CL1503IR
Description  Non-isolated step-down LED constant current driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPLINK [CHIPLINK SEMICONDUCTOR]
Direct Link  http://www.chiplink-semi.com
Logo CHIPLINK - CHIPLINK SEMICONDUCTOR

CL1503IR Datasheet(HTML) 7 Page - CHIPLINK SEMICONDUCTOR

  CL1503IR Datasheet HTML 1Page - CHIPLINK SEMICONDUCTOR CL1503IR Datasheet HTML 2Page - CHIPLINK SEMICONDUCTOR CL1503IR Datasheet HTML 3Page - CHIPLINK SEMICONDUCTOR CL1503IR Datasheet HTML 4Page - CHIPLINK SEMICONDUCTOR CL1503IR Datasheet HTML 5Page - CHIPLINK SEMICONDUCTOR CL1503IR Datasheet HTML 6Page - CHIPLINK SEMICONDUCTOR CL1503IR Datasheet HTML 7Page - CHIPLINK SEMICONDUCTOR CL1503IR Datasheet HTML 8Page - CHIPLINK SEMICONDUCTOR CL1503IR Datasheet HTML 9Page - CHIPLINK SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.chiplink-tech.com
7
SEMICONDUCTOR
CL1503
CL1503_CN Rev. 1.3
●欠压锁定(UVLO)
内部的
UVLO电路会检测VDD引脚电压,CL1503进入和退出UVLO的电压被固定为9V和14V。
●输出LED过压保护
CL1503设置了ROVP脚位在正常工作时的电压为0.5V,输出LED的过压保护功能可以通过设置ROVP脚对
地的电阻阻值实现。
k
×
××
×
CS_TH
6
OVP
CS
OVP
LV
R= 5
10 ( Ω)
RV
其中,
ROVP为ROVP脚到地之间的电阻,RCS为CS脚到地的电流检测电阻,VCS_TH为CS脚的电流检测阈值电压,
VOVP为输出LED保护电压。
●过温调节功能
在芯片温度过高时,芯片将减小输出电流,达到控制输出功率和温升的目的,使芯片温度保持在设定值,以
提高芯片可靠性。
●保护控制
良好的电源系统的可靠性是由其丰富的保护功能实现的。比如:
在
LED开路时,会触发输出过压保护逻辑并停止开关动作。
在
LED短路时,系统会工作在5kHz,CS关断阈值限定为200mV。
电流检测电阻
RCS短路或者变压器饱和时,CL1503将会触发保护逻辑并停止开关动作。
系统在进入保护状态后,
VDD电压开始降低,达到UVLO后,系统重启。当故障解除时,系统重新开始正常
工作。



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com