Electronic Components Datasheet Search
  English  ▼

X  

AD7856CB Datasheet(PDF) 2 Page - Analog Devices

Part # AD7856CB
Description  Evaluation Board for 5V Single Supply, 285kSPS 8-Channel, 14-Bit Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7856CB Datasheet(HTML) 2 Page - Analog Devices

  AD7856CB Datasheet HTML 1Page - Analog Devices AD7856CB Datasheet HTML 2Page - Analog Devices AD7856CB Datasheet HTML 3Page - Analog Devices AD7856CB Datasheet HTML 4Page - Analog Devices AD7856CB Datasheet HTML 5Page - Analog Devices AD7856CB Datasheet HTML 6Page - Analog Devices AD7856CB Datasheet HTML 7Page - Analog Devices AD7856CB Datasheet HTML 8Page - Analog Devices AD7856CB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EVAL-AD7856CB
–2–
REV. 0
LINK AND SWITCH OPTIONS
There are 25 link options which must be set for the required operating setup before using the evaluation board. The
functions of these options are outlined below.
Link No.
Function.
LK1 - LK8 These links are used to connect input to the op-amps to the relevant AIN socket or to Agnd.
When a link is in position "A" the associated AIN socket is connected to the input buffer.
When a link is in position "B" the input to the analog buffer is connected to Agnd.
LK12
This link option selects the source of the CLKIN input. This link should be removed if the AD7856's inter-
nal clock is selected (see LK8).
When this link is "IN" the CLKIN input is provided by the EVAL-CONTROL BOARD.
When this link is "OUT" the external CLKIN input must be provided via the external socket, J4.
LK13
This link option selects the source of the
CONVST input.
When this link is "IN" the
CONVST input is provided by the EVAL-CONTROL BOARD.
When this link is "OUT" the
CONVST input must be provided via the external socket, J5.
LK15
This link option connects the BUSY output to the EVAL-CONTROL BOARD where it is used as an inter-
rupt request. This link is always "IN" when using the EVAL-CONTROL BOARD.
LK16
This link option is used to put the AD7856 in SLEEP mode or in NORMAL mode.
When a link is in position "A" the AD7856 is put into NORMAL mode.
When a link is in position "B" the AD7856 is put into SLEEP mode.
LK17
This link selects the source of the AVdd/DVdd +5V supply.
When this link is in position "A" the +5V must be supplied from an external source via power connector J2.
When this link is in position "A" the +5V is supplied from the EVAL-CONTROL BOARD.
LK18
This link option adds a 50
Ω termination to Dgnd on the CLKIN line.
This link should "OUT" when using the CLKIN from the EVAL-CONTROL BOARD.
If a 50
Ω termination is required when using an external CLKIN siganl this link should be "IN".
LK19
This link option adds a 50
Ω termination to Dgnd on the CONVST line.
This link should "OUT" when using the
CONVST from the EVAL-CONTROL BOARD.
If a 50
Ω termination is required when using an external CONVST siganl this link should be "IN".
LK20
This link option is used to select the source of the +12V supply
In position A, the +12V is supplied from the EVAL-CONTROL BOARD through the 96 way connector.
In position B, the +12V is supplied from an external source through the power connector, J3.
LK21
This link option is used to select the source of the -12V supply.
In position A, the -12V is supplied from the EVAL-CONTROL BOARD through the 96 way connector.
In position B, the -12V is supplied from an external source through the power connector, J3.
LK23
This link option is used to connect the CREF1 pin to +5V.
If AVdd is used as the reference voltage at the REFIN/OUT pin or an external reference approaching AVdd
is used this link must be "IN" to connect the CREF pin to AVdd.
This link must be "OUT" if using the AD7856 internal reference voltage.
LK24
This link option adds a 50
Ω termination to Agnd on the Vin line.
If a 50
Ω termination is required at the Analog input socket, J7, this link should be "IN".
LK25
This link is used to select the reference voltage for the AD7856.
In position "A", the AD7856 internal 4.096V reference is used.
In position "B",
an external reference voltage may be applied via the VREF socket, J6.
In position "C", AVDD is used as the reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com