Electronic Components Datasheet Search
  English  ▼

X  

AD7856CB Datasheet(PDF) 3 Page - Analog Devices

Part # AD7856CB
Description  Evaluation Board for 5V Single Supply, 285kSPS 8-Channel, 14-Bit Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7856CB Datasheet(HTML) 3 Page - Analog Devices

  AD7856CB Datasheet HTML 1Page - Analog Devices AD7856CB Datasheet HTML 2Page - Analog Devices AD7856CB Datasheet HTML 3Page - Analog Devices AD7856CB Datasheet HTML 4Page - Analog Devices AD7856CB Datasheet HTML 5Page - Analog Devices AD7856CB Datasheet HTML 6Page - Analog Devices AD7856CB Datasheet HTML 7Page - Analog Devices AD7856CB Datasheet HTML 8Page - Analog Devices AD7856CB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EVAL-AD7856CB
REV. 0
–3–
SET-UP CONDITIONS
Care should be taken before applying power and signals to the evaluation board to ensure that all link positions are
as per the required operating mode. Table I shows the position in which all the links are set when the evaluation
board is sent out.
Table I. Initial Link and Switch Positions
Link No.
Position
Function.
LK1
A
Ain1 input socket is connected to its buffer op-amp.
LK2-LK8
B
The inputs to the buffer op-amps on the AIN2-AIN8 lines are connected to AGnd.
LK9
I N
The output of the AIN1 buffer op-amp is connected to the AD7856 AIN1 pin.
LK10
O U T
The AD7856 Ain1 and Ain2 pins are not connected together.
LK11
A
The AD7856 AIN2 pin is connected to the output of the AIN2 buffer op-amp.
LK12
I N
CLKIN is supplied from the EVAL-CONTROL BOARD via J1.
LK13
I N
CONVST is supplied from the EVAL-CONTROL BOARD via J1.
LK14
A
DIN is supplied from the EVAL-CONTROL BOARD via J1.
LK15
I N
BUSY is connected to the EVAL-CONTROL BOARD via J1.
LK16
A
The AD7856 SLEEP pin is connected to logic high, placing the part in NORMAL
mode.
LK17
B
AVdd/DVdd (+5V) supplied by the EVAL-CONTROL BOARD via J1.
LK18
O U T
50
Ω termination not selected on the CLKIN line.
LK19
O U T
50
Ω termination not selected on the CONVST line.
LK20
A
+12V supplied from EVAL-CONTROL BOARD via J1.
LK21
A
-12V supplied from EVAL-CONTROL BOARD via J1.
LK23
O U T
CREF1 pin not connected to +5V.
LK24
O U T
50
Ω termination not selected at the Analog input (Vin) socket, J7.
LK25
A
AD7856 uses it's own internal 4.096V reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com