Electronic Components Datasheet Search
  English  ▼

X  

B37871 Datasheet(PDF) 8 Page - EPCOS

Part # B37871
Description  Multilayer Ceramic Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37871 Datasheet(HTML) 8 Page - EPCOS

Back Button B37871 Datasheet HTML 4Page - EPCOS B37871 Datasheet HTML 5Page - EPCOS B37871 Datasheet HTML 6Page - EPCOS B37871 Datasheet HTML 7Page - EPCOS B37871 Datasheet HTML 8Page - EPCOS B37871 Datasheet HTML 9Page - EPCOS B37871 Datasheet HTML 10Page - EPCOS B37871 Datasheet HTML 11Page - EPCOS B37871 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Multilayer Ceramic Capacitors
21
10/02
C0G
Ordering codes and packing for C0G, 50 VDC, nickel-barrier terminations
Case size 0603, 50 VDC
Chip
thickness
Cardboard tape,
∅ 180-mm reel
Cardboard tape,
∅ 330-mm reel
Bulk case
**
60
**
70
**
01
CR
Ordering code1)
mm
pcs/reel
pcs/reel
pcs
1,0 pF
B37930K5010C0**
0,8
± 0,1
4 000
16000
15 000
1,2 pF
B37930K5010C2**
0,8
± 0,1
4 000
16000
15 000
1,5 pF
B37930K5010C5**
0,8
± 0,1
4 000
16000
15 000
1,8 pF
B37930K5010C8**
0,8
± 0,1
4 000
16000
15 000
2,2 pF
B37930K5020C2**
0,8
± 0,1
4 000
16000
15 000
2,7 pF
B37930K5020C7**
0,8
± 0,1
4 000
16000
15 000
3,3 pF
B37930K5030C3**
0,8
± 0,1
4 000
16000
15 000
3,9 pF
B37930K5030C9**
0,8
± 0,1
4 000
16000
15 000
4,7 pF
B37930K5040C7**
0,8
± 0,1
4 000
16000
15 000
5,6 pF
B37930K5050D6**
0,8
± 0,1
4 000
16000
15 000
6,8 pF
B37930K5060D8**
0,8
± 0,1
4 000
16000
15 000
8,2 pF
B37930K5080D2**
0,8
± 0,1
4 000
16000
15 000
10, pF
B37930K5100J0**
0,8
± 0,1
4 000
16000
15 000
12, pF
B37930K5120J0**
0,8
± 0,1
4 000
16000
15 000
15, pF
B37930K5150J0**
0,8
± 0,1
4 000
16000
15 000
18, pF
B37930K5180J0**
0,8
± 0,1
4 000
16000
15 000
22, pF
B37930K5220J0**
0,8
± 0,1
4 000
16000
15 000
27, pF
B37930K5270J0**
0,8
± 0,1
4 000
16000
15 000
33, pF
B37930K5330J0**
0,8
± 0,1
4 000
16000
15 000
39, pF
B37930K5390J0**
0,8
± 0,1
4 000
16000
15 000
47, pF
B37930K5470J0**
0,8
± 0,1
4 000
16000
15 000
56, pF
B37930K5560J0**
0,8
± 0,1
4 000
16000
15 000
68, pF
B37930K5680J0**
0,8
± 0,1
4 000
16000
15 000
82, pF
B37930K5820J0**
0,8
± 0,1
4 000
16000
15 000
100, pF
B37930K5101J0**
0,8
± 0,1
4 000
16000
15 000
120, pF
B37930K5121J0**
0,8
± 0,1
4 000
16000
15 000
150, pF
B37930K5151J0**
0,8
± 0,1
4 000
16000
15 000
180, pF
B37930K5181J0**
0,8
± 0,1
4 000
16000
15 000
220, pF
B37930K5221J0**
0,8
± 0,1
4 000
16000
15 000
270, pF
B37930K5271J0**
0,8
± 0,1
4 000
16000
15 000
330, pF
B37930K5331J0**
0,8
± 0,1
4 000
16000
15 000
390, pF
B37930K5391J0**
0,8
± 0,1
4 000
16000
15 000
470, pF
B37930K5471J0**
0,8
± 0,1
4 000
16000
15 000
1) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 16.
^
^
^
C0G; 0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com