Electronic Components Datasheet Search
  English  ▼

X  

B37871 Datasheet(PDF) 11 Page - EPCOS

Part # B37871
Description  Multilayer Ceramic Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37871 Datasheet(HTML) 11 Page - EPCOS

Back Button B37871 Datasheet HTML 7Page - EPCOS B37871 Datasheet HTML 8Page - EPCOS B37871 Datasheet HTML 9Page - EPCOS B37871 Datasheet HTML 10Page - EPCOS B37871 Datasheet HTML 11Page - EPCOS B37871 Datasheet HTML 12Page - EPCOS B37871 Datasheet HTML 13Page - EPCOS B37871 Datasheet HTML 14Page - EPCOS B37871 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Multilayer Ceramic Capacitors
24
10/02
C0G
Ordering codes and packing for C0G, 100 VDC, nickel-barrier terminations
Case size 0805, 100 VDC
Chip thickness
Cardboard tape,
∅ 180-mm reel
Cardboard tape,
∅ 330-mm reel
**
60
**
70
CR
Ordering code1)
mm
pcs/reel
pcs/reel
1,0 pF
B37940K1010C0**
0,6
± 0,1
5 000
20000
1,2 pF
B37940K1010C2**
0,6
± 0,1
5 000
20000
1,5 pF
B37940K1010C5**
0,6
± 0,1
5 000
20000
1,8 pF
B37940K1010C8**
0,6
± 0,1
5 000
20000
2,2 pF
B37940K1020C2**
0,6
± 0,1
5 000
20000
2,7 pF
B37940K1020C7**
0,6
± 0,1
5 000
20000
3,3 pF
B37940K1030C3**
0,6
± 0,1
5 000
20000
3,9 pF
B37940K1030C9**
0,6
± 0,1
5 000
20000
4,7 pF
B37940K1040C7**
0,6
± 0,1
5 000
20000
5,6 pF
B37940K1050D6**
0,6
± 0,1
5 000
20000
6,8 pF
B37940K1060D8**
0,6
± 0,1
5 000
20000
8,2 pF
B37940K1080D2**
0,6
± 0,1
5 000
20000
10, pF
B37940K1100J0**
0,6
± 0,1
5 000
20000
12, pF
B37940K1120J0**
0,6
± 0,1
5 000
20000
15, pF
B37940K1150J0**
0,6
± 0,1
5 000
20000
18, pF
B37940K1180J0**
0,6
± 0,1
5 000
20000
22, pF
B37940K1220J0**
0,6
± 0,1
5 000
20000
27, pF
B37940K1270J0**
0,6
± 0,1
5 000
20000
33, pF
B37940K1330J0**
0,6
± 0,1
5 000
20000
39, pF
B37940K1390J0**
0,6
± 0,1
5 000
20000
47, pF
B37940K1470J0**
0,6
± 0,1
5 000
20000
56, pF
B37940K1560J0**
0,6
± 0,1
5 000
20000
68, pF
B37940K1680J0**
0,6
± 0,1
5 000
20000
82, pF
B37940K1820J0**
0,6
± 0,1
5 000
20000
100, pF
B37940K1101J0**
0,6
± 0,1
5 000
20000
120, pF
B37940K1121J0**
0,6
± 0,1
5 000
20000
150, pF
B37940K1151J0**
0,6
± 0,1
5 000
20000
180, pF
B37940K1181J0**
0,6
± 0,1
5 000
20000
220, pF
B37940K1221J0**
0,6
± 0,1
5 000
20000
270, pF
B37940K1271J0**
0,6
± 0,1
5 000
20000
330, pF
B37940K1331J0**
0,6
± 0,1
5 000
20000
390, pF
B37940K1391J0**
0,6
± 0,1
5 000
20000
470, pF
B37940K1471J0**
0,6
± 0,1
5 000
20000
1) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 16.
^
^
C0G; 0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com