Electronic Components Datasheet Search
  English  ▼

X  

HEF4017BF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4017BF
Description  5-stage Johnson counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4017BF Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4017BF Datasheet HTML 1Page - NXP Semiconductors HEF4017BF Datasheet HTML 2Page - NXP Semiconductors HEF4017BF Datasheet HTML 3Page - NXP Semiconductors HEF4017BF Datasheet HTML 4Page - NXP Semiconductors HEF4017BF Datasheet HTML 5Page - NXP Semiconductors HEF4017BF Datasheet HTML 6Page - NXP Semiconductors HEF4017BF Datasheet HTML 7Page - NXP Semiconductors HEF4017BF Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
January 1995
4
Philips Semiconductors
Product specification
5-stage Johnson counter
HEF4017B
MSI
FUNCTION TABLE
MR
CP0
CP1
OPERATION
HX
X
O0 = O5-9 = H; O1 to O9 =L
L
H
Counter advances
L
L
Counter advances
L
L
X
No change
L
X
H
No change
L
H
No change
L
L
No change
Notes
1. H = HIGH state (the more positive voltage)
2. L = LOW state (the less positive voltage)
3. X = state is immaterial
4.
= positive-going transition
5.
= negative-going transition
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
CP0, CP1 → O0 to O9
5
140
280
ns
113 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
55
110
ns
44 ns
+ (0,23 ns/pF) CL
15
40
80
ns
32 ns
+ (0,16 ns/pF) CL
5
125
250
ns
98 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
50
100
ns
39 ns
+ (0,23 ns/pF) CL
15
40
80
ns
32 ns
+ (0,16 ns/pF) CL
CP0, CP1 → O5-9
5
145
290
ns
118 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
55
110
ns
44 ns
+ (0,23 ns/pF) CL
15
40
80
ns
32 ns
+ (0,16 ns/pF) CL
5
125
250
ns
98 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
50
100
ns
39 ns
+ (0,23 ns/pF) CL
15
40
80
ns
32 ns
+ (0,16 ns/pF) CL
MR
→ O1 to O9
5
115
230
ns
88 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
50
100
ns
39 ns
+ (0,23 ns/pF) CL
15
35
70
ns
27 ns
+ (0,16 ns/pF) CL
MR
→ O5-9
5
110
220
ns
83 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
45
90
ns
34 ns
+ (0,23 ns/pF) CL
15
35
70
ns
27 ns
+ (0,16 ns/pF) CL
MR
→ O0
5
130
260
ns
103 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
55
105
ns
44 ns
+ (0,23 ns/pF) CL
15
40
75
ns
32 ns
+ (0,16 ns/pF) CL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com