Electronic Components Datasheet Search
  English  ▼

X  

HEF4017BF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HEF4017BF
Description  5-stage Johnson counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4017BF Datasheet(HTML) 2 Page - NXP Semiconductors

  HEF4017BF Datasheet HTML 1Page - NXP Semiconductors HEF4017BF Datasheet HTML 2Page - NXP Semiconductors HEF4017BF Datasheet HTML 3Page - NXP Semiconductors HEF4017BF Datasheet HTML 4Page - NXP Semiconductors HEF4017BF Datasheet HTML 5Page - NXP Semiconductors HEF4017BF Datasheet HTML 6Page - NXP Semiconductors HEF4017BF Datasheet HTML 7Page - NXP Semiconductors HEF4017BF Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
January 1995
2
Philips Semiconductors
Product specification
5-stage Johnson counter
HEF4017B
MSI
DESCRIPTION
The HEF4017B is a 5-stage Johnson decade counter with
ten spike-free decoded active HIGH outputs (Oo to O9), an
active LOW output from the most significant flip-flop (O5-9),
active HIGH and active LOW clock inputs (CP0, CP1) and
an overriding asynchronous master reset input (MR).
The counter is advanced by either a LOW to HIGH
transition at CP0 while CP1 is LOW or a HIGH to LOW
transition at CP1 while CP0 is HIGH (see also function
table).
When cascading counters, the O5-9 output, which is LOW
while the counter is in states 5, 6, 7, 8 and 9, can be used
to drive the CP0 input of the next counter.
A HIGH on MR resets the counter to zero
(Oo = O5-9 = HIGH; O1 to O9 = LOW) independent of the
clock inputs (CP0, CP1).
Automatic code correction of the counter is provided by an
internal circuit: following any illegal code the counter
returns to a proper counting mode within 11 clock pulses.
Schmitt-trigger action in the clock input makes the circuit
highly tolerant to slower clock rise and fall times.
Fig.1 Functional diagram.
HEF4017BP(N):
16-lead DIL; plastic (SOT38-1)
HEF4017BD(F):
16-lead DIL; ceramic (cerdip) (SOT74)
HEF4017BT(D):
16-lead SO; plastic (SOT109-1)
( ): Package Designator North America
Fig.2 Pinning diagram.
PINNING
FAMILY DATA, IDD LIMITS category MSI
See Family Specifications
CP0
clock input (LOW to HIGH triggered)
CP1
clock input (HIGH to LOW triggered)
MR
master reset input
O0 to O9
decoded outputs
O5-9
carry output (active LOW)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com