Electronic Components Datasheet Search
  English  ▼

X  

CS3205 Datasheet(PDF) 2 Page - HUAJING MICROELECTRONICS

Part # CS3205
Description  Silicon N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAJING-MICRO [HUAJING MICROELECTRONICS]
Direct Link  http://www.crhj.com.cn
Logo HUAJING-MICRO - HUAJING MICROELECTRONICS

CS3205 Datasheet(HTML) 2 Page - HUAJING MICROELECTRONICS

  CS3205 Datasheet HTML 1Page - HUAJING MICROELECTRONICS CS3205 Datasheet HTML 2Page - HUAJING MICROELECTRONICS CS3205 Datasheet HTML 3Page - HUAJING MICROELECTRONICS CS3205 Datasheet HTML 4Page - HUAJING MICROELECTRONICS CS3205 Datasheet HTML 5Page - HUAJING MICROELECTRONICS CS3205 Datasheet HTML 6Page - HUAJING MICROELECTRONICS CS3205 Datasheet HTML 7Page - HUAJING MICROELECTRONICS CS3205 Datasheet HTML 8Page - HUAJING MICROELECTRONICS CS3205 Datasheet HTML 9Page - HUAJING MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CS3205 B8
○
R
W UX I C H I N A R E SO URC ES H U A JI N G MI C R O ELE C T R O N I C S C O . , LT D.
P ag e 2 of 1 0
20 1 5 V 01
Electrical Characteristics(Tc= 25
unless otherwise specified
℃
):
OFF Characteristics
Symbol
Parameter
Test Conditions
Rating
Units
Min.
Typ.
Max.
VDSS
Drain to Source Breakdown Voltage
VGS=0V, ID=250µA
55
--
--
V
ΔBV
DSS/ΔTJ
Bvdss Temperature Coefficient
ID=250uA,Reference25℃
--
0.08
--
V/℃
IDSS
Drain to Source Leakage Current
VDS = 55V, VGS= 0V,
Ta = 25℃
--
--
1
µA
VDS =44V, VGS= 0V,
Ta = 125℃
--
--
10
IGSS(F)
Gate to Source Forward Leakage
VGS =+20V
--
--
100
nA
IGSS(R)
Gate to Source Reverse Leakage
VGS =-20V
--
--
-100
nA
ON Characteristics
Symbol
Parameter
Test Conditions
Rating
Units
Min.
Typ.
Max.
RDS(ON)
Drain-to-Source On-Resistance
VGS=10V,ID=62A
--
7.6
8.5
mΩ
VGS(TH)
Gate Threshold Voltage
VDS = VGS, ID = 250µA
2.0
4.0
V
Pulse width tp≤300µs,δ≤2%
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Rating
Units
Min.
Typ.
Max.
gfs
Forward Trans conductance
VDS=15V, ID =75A
--
85
--
S
Ciss
Input Capacitance
VGS = 0V VDS = 25V
f = 1.0MHz
--
4395
--
pF
Coss
Output Capacitance
--
903
--
Crss
Reverse Transfer Capacitance
--
68
--
Resistive Switching Characteristics
Symbol
Parameter
Test Conditions
Rating
Units
Min.
Typ.
Max.
td(ON)
Turn-on Delay Time
ID =75A
VDD = 30V
VGS = 10V
RG = 4.7Ω
--
16
--
ns
tr
Rise Time
--
51
--
td(OFF)
Turn-Off Delay Time
--
75
--
tf
Fall Time
--
30
--
Qg
Total Gate Charge
ID =75A
VDD =30V
VGS = 10V
--
74
nC
Qgs
Gate to Source Charge
--
17
--
Qgd
Gate to Drain (“Miller”)Charge
--
21
--



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com