Electronic Components Datasheet Search
  English  ▼

X  

CS3205 Datasheet(PDF) 4 Page - HUAJING MICROELECTRONICS

Part # CS3205
Description  Silicon N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAJING-MICRO [HUAJING MICROELECTRONICS]
Direct Link  http://www.crhj.com.cn
Logo HUAJING-MICRO - HUAJING MICROELECTRONICS

CS3205 Datasheet(HTML) 4 Page - HUAJING MICROELECTRONICS

  CS3205 Datasheet HTML 1Page - HUAJING MICROELECTRONICS CS3205 Datasheet HTML 2Page - HUAJING MICROELECTRONICS CS3205 Datasheet HTML 3Page - HUAJING MICROELECTRONICS CS3205 Datasheet HTML 4Page - HUAJING MICROELECTRONICS CS3205 Datasheet HTML 5Page - HUAJING MICROELECTRONICS CS3205 Datasheet HTML 6Page - HUAJING MICROELECTRONICS CS3205 Datasheet HTML 7Page - HUAJING MICROELECTRONICS CS3205 Datasheet HTML 8Page - HUAJING MICROELECTRONICS CS3205 Datasheet HTML 9Page - HUAJING MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CS3205 B8
○
R
W UX I C H I N A R E SO URC ES H U A JI N G MI C R O ELE C T R O N I C S C O . , LT D.
P ag e 4 of 1 0
20 1 5 V 01
Vds , Drain-to-Source Voltage , Volts
1
1
10
100
10
100
1000
Tc , Case Temperature , C
75
0
25
50
125
100
150
0
40
80
200
240
280
160
120
Characteristics Curve:
1.00E-04
1.00E-05
0.001
0.01
Rectangular Pulse Duration,Seconds
1.00E-03
1.00E-02
1.00E-01
0.1
1
1.00E+00
1.00E+01
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
Vds , Drain-to-Source Voltage , Volts
Figure
2
Maximum Power Dissipation vs Case Temperature
Figure
5
Maximum Effective Thermal Impendance , Junction to Case
Figure
4
Typical Output Characteristics
Figure
3
Maximum Continuous Drain Current vs Case Temperature
Figure
1
Maximum Forward Bias Safe Operating Area
10μs
100μs
1ms
10ms
OPERATION IN THIS AREA
MAY BE LIMITED BY RDS(ON)
TJ=MAX RATED
TC=25℃ Single Pulse
VGS=15V
VGS=5.5V
VGS=6V
VGS=6.5V
VGS=10V
PDM
t2
t1
NOTES:
DUTY FACTOR :D=t1/ t2
PEAK Tj=PDM*ZthJC*RthJC+TC
50%
20%
10%
5%
Single pulse
2%
1%
PULSE DURATION=10μs
DUTY FACTOR=0.5%MAX
Tc = 25℃
DC
TC, Case Temperature ,C
75
0
25
50
150
100
125
60
90
120
150
30



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com