Electronic Components Datasheet Search
  English  ▼

X  

LMV710 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV710
Description  SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV710 Datasheet(HTML) 1 Page - Texas Instruments

  LMV710 Datasheet HTML 1Page - Texas Instruments LMV710 Datasheet HTML 2Page - Texas Instruments LMV710 Datasheet HTML 3Page - Texas Instruments LMV710 Datasheet HTML 4Page - Texas Instruments LMV710 Datasheet HTML 5Page - Texas Instruments LMV710 Datasheet HTML 6Page - Texas Instruments LMV710 Datasheet HTML 7Page - Texas Instruments LMV710 Datasheet HTML 8Page - Texas Instruments LMV710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
APPLICATIONS
LMV711/LMV715
DBV (SOT-23-6) OR DCK (SC-70) PACKAGE
(TOP VIEW)
1
2
3
6
5
4
OUT
VCC−
IN+
VCC+
SHUTDOWN
IN−
1
2
3
5
4
OUT
VCC−
IN+
VCC+
IN−
LMV710
DBV (SOT-23-5) OR DCK (SC-70) PACKAGE
(TOP VIEW)
+ −
−
+
DESCRIPTION/ORDERING INFORMATION
LMV710, LMV711, LMV715
SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
SLOS463A – APRIL 2005 – REVISED JULY 2005
•
2.7-V and 5-V Performance
•
Low Offset Voltage . . . 0.4 mV Typ, 3 mV Max
•
Input Common-Mode Range . . . 200 mV
Beyond the Rails
•
Rail-to-Rail Swing Into 600
Ω
•
Gain Bandwidth . . . 5 MHz Typ
•
Slew Rate . . . 5 V/
µs Typ
•
Turn-On Time From Shutdown . . . <10
µs
•
Shutdown Current . . . 0.2
µA Typ
•
Space-Saving Packages
– SOT-23-5/6
– SC-70
•
Wireless Phones, Mobile Phones, PDAs
•
GSM/TDMA/CDMA Power Amp Control
•
AGC, RF Power Detectors
•
Temperature Compensation
•
Wireless LANs
•
Bluetooth
•
HomeRF
The LMV710, LMV711, and LMV715 are single BiCMOS operational amplifiers designed to meet the demands of
low power, low cost, and small size required by battery-powered portable electronics. These devices have an
input common-mode voltage range that exceeds the rails, rail-to-rail output, and high output-current drive. The
devices offer a bandwidth of 5 MHz and a slew rate of 5 V/
µs.
On the LMV711 and LMV715, a separate shutdown pin can be used to disable the device and reduce the supply
current to 0.2
µA typical. The device features a turn-on time of less than 10 µs. It is an ideal solution for
power-sensitive applications, such as cellular phones, pagers, palm computers, etc.
The LMV710I, LMV711I, and LMV715I are characterized for operation from –40
°C to 85°C.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
SOT-23-5 – DBV
Reel of 3000
LMV710IDBVR
RB4_
SC-70 – DCK
Reel of 3000
LMV710IDCKR
RE_
SOT-23-6 – DBV
Reel of 3000
LMV711IDBVR
RB5_
–40
°C to 85°C
SC-70 – DCK
Reel of 3000
LMV711IDCKR
RF_
SOT-23-6 – DBV
Reel of 3000
LMV715IDBVR
4B9_
SC-70 – DCK
Reel of 3000
LMV715IDCKR
RL_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV710

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV710 NSC-LMV710 Datasheet
708Kb / 19P
Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
logo
Texas Instruments
LMV710 TI1-LMV710 Datasheet
483Kb / 20P
Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
LMV710 TI1-LMV710 Datasheet
481Kb / 15P
SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
LMV710-N TI-LMV710-N Datasheet
1Mb / 25P
LMV710-N/LMV711/LMV715 Low Power, RRIO Operational Amplifiers with High Output
LMV710-N TI1-LMV710-N Datasheet
1Mb / 25P
Low Power, RRIO Operational Amplifiers
More results

Similar Description - LMV710

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV981 NSC-LMV981 Datasheet
585Kb / 18P
1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
TLV4110 TI-TLV4110 Datasheet
396Kb / 21P
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV710 NSC-LMV710 Datasheet
708Kb / 19P
Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
logo
Texas Instruments
LMV710 TI1-LMV710 Datasheet
483Kb / 20P
Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
LMV981 TI1-LMV981 Datasheet
1,008Kb / 20P
Single / LMV982 Dual 1.8V, RRIO Operational Amplifiers with Shutdown
TLV4113-EP TI1-TLV4113-EP Datasheet
884Kb / 25P
HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4110 TI1-TLV4110_13 Datasheet
1Mb / 35P
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV981-N NSC-LMV981-N Datasheet
1Mb / 27P
Dual 1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
LMV710 TI1-LMV710_15 Datasheet
481Kb / 15P
SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
LMV710-N TI1-LMV710-N_16 Datasheet
775Kb / 25P
Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com