Electronic Components Datasheet Search
  English  ▼

X  

LMV710 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV710
Description  SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV710 Datasheet(HTML) 3 Page - Texas Instruments

  LMV710 Datasheet HTML 1Page - Texas Instruments LMV710 Datasheet HTML 2Page - Texas Instruments LMV710 Datasheet HTML 3Page - Texas Instruments LMV710 Datasheet HTML 4Page - Texas Instruments LMV710 Datasheet HTML 5Page - Texas Instruments LMV710 Datasheet HTML 6Page - Texas Instruments LMV710 Datasheet HTML 7Page - Texas Instruments LMV710 Datasheet HTML 8Page - Texas Instruments LMV710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
ESD Protection
LMV710, LMV711, LMV715
SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
SLOS463A – APRIL 2005 – REVISED JULY 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC+ – VCC–
Supply voltage(2)
6
V
±Supply
VID
Differential input voltage(3)
V
voltage
VI
Input voltage (either input)
VCC– – 0.4
VCC+ + 0.4
V
VO
Output voltage
VCC– – 0.4
VCC+ + 0.4
V
II
Input current(4)
±10
mA
5 pin
206
DBV package
6 pin
165
θ
JA
Package thermal impedance(5)(6)
°C/W
5 pin
252
DCK package
6 pin
259
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
Excessive input current will flow if a differential input voltage in excess of approximately 0.6 V is applied between the inputs unless some
limiting resistance is used.
(5)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC+ – VCC–
Supply voltage
2.7
5
V
TA
Operating free-air temperature
–40
85
°C
TYP
UNIT
Human-Body Model
TBD
V
Machine Model
TBD
V
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com