Electronic Components Datasheet Search
  English  ▼

X  

B59943 Datasheet(PDF) 1 Page - EPCOS

Part # B59943
Description  Overcurrent Protection Leaded Disks, Coated, 42 V Power Net
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59943 Datasheet(HTML) 1 Page - EPCOS

  B59943 Datasheet HTML 1Page - EPCOS B59943 Datasheet HTML 2Page - EPCOS B59943 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
59
10/02
Applications
I Overcurrent protection for 42 V power net
Features
I Lead-free terminals
I Manufacturer’s logo and type designation
stamped on in white
Options
I Leadless disks and leaded disks without
coating available on request
I Thermistors with diameter b
≤ 11,0 mm
are also available on tape (to IEC 60286-2)
Delivery mode
I Cardboard strips (standard)
I Cardboard tape reeled or in AMMO pack on request
General technical data
Max. operating voltage (TA = 125 °C)
Vmax1)
Max. operating voltage (t
≤ 400 ms)
Vmax,dyn2)
Rated voltage
VN
Switching cycles (typ.)
N
Reference temperature (typ.)
TRef
Resistance tolerance
∆RN
Operating temperature range (V = 0)
Top
(V = Vmax)
Top
54
58
42
100
120
± 20 %
– 40/+ 125
– 40/+ 125
VDC
V
VDC
°C
°C
°C
Electrical specifications and ordering codes
Type
IN
mA
IS
mA
ISmax
(V=Vmax)
A
Ir (typ.)
(V=Vmax)
mA
RN
Ω
Rmin
Ω
Ordering code
C 943
750
1300
8,0
50
1,0
0,7
B59943C0120A070
C 953
430
770
6,0
40
1,8
1,2
B59953C0120A070
C 963
320
560
5,0
30
2,7
1,8
B59963C0120A070
C 973
230
410
4,0
20
4,2
2,9
B59973C0120A070
C 983
140
240
2,0
15
10,0
6,8
B59983C0120A070
TPT0647-V
3,5 max.
ød
b
5
Dimensions (mm)
Type
bmax
∅dhmax
C 943
17,5
0,6
21,0
C 953
13,5
0,6
17,0
C 963
11,0
0,6
14,5
C 973
9,0
0,6
12,5
C 983
6,5
0,6
10,0
1) To ISO/TC22 WD24V-1E
2) Peak value of maximum DC operating voltage, incl. ripple
B599*3
C 943 … C 983
Leaded Disks, Coated, 42 V Power Net
Overcurrent Protection


Similar Part No. - B59943

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59940C0080A070 EPCOS-B59940C0080A070 Datasheet
144Kb / 10P
Overcurrent Protection Leaded Disks, Coated
B59940C0080A070 EPCOS-B59940C0080A070 Datasheet
886Kb / 13P
Leaded disks, coated, 63 V
B59940C0080A070 EPCOS-B59940C0080A070 Datasheet
600Kb / 15P
PTC thermistors for overcurrent protection
B59940C0080A070 EPCOS-B59940C0080A070 Datasheet
603Kb / 13P
PTC thermistors for overcurrent protection
B59940C0080A070 EPCOS-B59940C0080A070 Datasheet
349Kb / 15P
PTC thermistors for overcurrent protection Leaded disks, coated, 63 V
More results

Similar Description - B59943

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59935 EPCOS-B59935 Datasheet
82Kb / 5P
Overcurrent Protection Leaded Disks, Coated
B59910 EPCOS-B59910 Datasheet
144Kb / 10P
Overcurrent Protection Leaded Disks, Coated
B59910C0130A070 EPCOS-B59910C0130A070 Datasheet
886Kb / 13P
Leaded disks, coated, 63 V
B59830C0160A070 EPCOS-B59830C0160A070 Datasheet
83Kb / 5P
Leaded Disks, Coated, 110 V
B59062 EPCOS-B59062 Datasheet
78Kb / 3P
Metallized Round Disks, 42 V Power Net Heating Elements
B59044 EPCOS-B59044 Datasheet
62Kb / 3P
Heating Elements Metallized Rectangular Disks, 42 V Power Net
B59884C0120A070 EPCOS-B59884C0120A070_11 Datasheet
245Kb / 9P
PTC thermistors for overcurrent protection Leaded disks, coated, 380 V, 500 V
B59750B0120A070 EPCOS-B59750B0120A070_11 Datasheet
408Kb / 13P
PTC thermistors for overcurrent protection Leaded disks, uncoated, 380 to 1000 V
B59935C0120A070 EPCOS-B59935C0120A070_12 Datasheet
149Kb / 10P
PTC thermistors for overcurrent protection Leaded disks, coated, 12 V, 24 V
B59930C0080A070 EPCOS-B59930C0080A070_12 Datasheet
349Kb / 15P
PTC thermistors for overcurrent protection Leaded disks, coated, 63 V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com