Electronic Components Datasheet Search
  English  ▼

X  

B59943 Datasheet(PDF) 2 Page - EPCOS

Part # B59943
Description  Overcurrent Protection Leaded Disks, Coated, 42 V Power Net
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59943 Datasheet(HTML) 2 Page - EPCOS

  B59943 Datasheet HTML 1Page - EPCOS B59943 Datasheet HTML 2Page - EPCOS B59943 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
60
10/02
Characteristics (typical)
PTC resistance RPTC versus
PTC temperature TPTC
(measured at low signal voltage)
PTC current IPTC versus PTC voltage VPTC
(measured at 25
°C in still air)
Switching time tS versus switching current IS
(measured at 25
°C in still air)
Rated current IN versus ambient temperature TA
(measured in still air)
PTC
R
PTC
T
TPT0781-G
Ω
B59943C0120A070
B59953C0120A070
B59963C0120A070
˚C
10 0
10 1
10 2
3
10
10 4
6
10
B59973C0120A070
10
_1
0
50
100
150
200
250
50
_
B59983C0120A070
0,1
PTC
I
PTC
V
TPT0782-P
mA
B59943C0120A070
B59953C0120A070
1
10
100
V
B59963C0120A070
104
102
103
101
B59973C0120A070
B59983C0120A070
0
S
t
S
I
TPT0783-X
A
10
_1
10 0
10 1
2
10
10 3
s
B59943C0120A070
B59953C0120A070
B59963C0120A070
B59973C0120A070
2,5
5
7,5
10
12,5
B59983C0120A070
Ι
N, 25 ˚C
Ι
T
N, A
A
T
0
TPT0784-6
˚C
_20 0 20 40 60 80 100
140
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
2,0
B599*3
C 943 … C 983
Leaded Disks, Coated, 42 V Power Net
Overcurrent Protection



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com