Electronic Components Datasheet Search
  English  ▼

X  

REF200AP Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF200AP
Description  DUAL CURRENT SOURCE/CURRENT SINK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF200AP Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button REF200AP Datasheet HTML 5Page - Burr-Brown (TI) REF200AP Datasheet HTML 6Page - Burr-Brown (TI) REF200AP Datasheet HTML 7Page - Burr-Brown (TI) REF200AP Datasheet HTML 8Page - Burr-Brown (TI) REF200AP Datasheet HTML 9Page - Burr-Brown (TI) REF200AP Datasheet HTML 10Page - Burr-Brown (TI) REF200AP Datasheet HTML 11Page - Burr-Brown (TI) REF200AP Datasheet HTML 12Page - Burr-Brown (TI) REF200AP Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
®
REF200
9
R
100µA
Reference
–V
100µA
S
R
2
0.01µF
R
(N • R )
2
1
I
= N • 100µA
OUT
(1)
R
(N • R )
2
1
I
= N • 100µA
OUT
(1)
100µA
0.01µF
R
2
+V
S
+V
100µA
S
OPA602
0.01µF
NR
I = (N +1) 100µA
O
R
0.01µF
NR
I = (N +1) 100µA
O
R
100µA
OPA602
0.01µF
NR
I = (N +1) 100µA
O
10pF
(a)
(b)
(d)
(c)
(e)
–V
S
OPA602
RNR
I
OUT
1k
Ω
4k
Ω
500
µA
1k
Ω
9k
Ω
1mA
100k
Ω
9.9k
Ω
10mA
EXAMPLES
FEATURES:
(1) Zero volts shunt compliance.
(2) Adjustable only to values above
reference value.
NOTE:
Current source/sink swing to the
“Load Return” rail is limited only
by the op amp's input common
mode range and output swing
capability. Voltage drop across “R”
can be tailored for any amplifier to
allow swing to zero volts from rail.
NOTE: (1) Burr Brown® OPA602 or OPA128
EXAMPLES
R
1
R
2
I
OUT
100
Ω
10M
Ω
1nA
10k
Ω
1M
Ω
1
µA
10k
Ω
1k
Ω
1mA
Use OPA128
I
O = 100µA (N + 1). Compliance ≈ 3.5V
with 0.1V across R. Max I
O
limited by FET.
For I
O = 1A, R = 0.1Ω, NR = 1kΩ.
FIGURE 10. Adjustable Current Sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com