Electronic Components Datasheet Search
  English  ▼

X  

REF200AP Datasheet(PDF) 12 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF200AP
Description  DUAL CURRENT SOURCE/CURRENT SINK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF200AP Datasheet(HTML) 12 Page - Burr-Brown (TI)

Back Button REF200AP Datasheet HTML 8Page - Burr-Brown (TI) REF200AP Datasheet HTML 9Page - Burr-Brown (TI) REF200AP Datasheet HTML 10Page - Burr-Brown (TI) REF200AP Datasheet HTML 11Page - Burr-Brown (TI) REF200AP Datasheet HTML 12Page - Burr-Brown (TI) REF200AP Datasheet HTML 13Page - Burr-Brown (TI) REF200AP Datasheet HTML 14Page - Burr-Brown (TI) REF200AP Datasheet HTML 15Page - Burr-Brown (TI) REF200AP Datasheet HTML 16Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
®
REF200
12
FIGURE 17. Rate Limiter.
FIGURE 16. Floating 300
µA and 400µA Cascoded Current Sources.
FIGURE 18. 25mA Floating Current Source.
27k
Ω
In
Out
Mirror
Com
20k
Ω
0.01µF
0.01µF
100µA
100µA
High
300µA
2N5116
2N4340
5
4
3
300µA
Low
(a) Regulation (15V to 30V = 0.00003%/V (10G
(a) Regulation (15V to 30V = 0.00003%/V (10G
Ω)
In
Out
Mirror
Com
20k
Ω
0.01µF
100µA
High
400µA
2N5116
2N4340
5
4
3
400µA
Low
(a) Regulation (15V to 30V = 0.000025%/V (10G
(a) Regulation (15V to 30V = 0.000025%/V (10G
Ω)
100µA
100
Ω
100
Ω
100
Ω
100
Ω
40.2
Ω
10k
Ω
Low
–V
100µA
High
25mA
Compliance
4V to 30V
NOTE: Each amplifier 1/4 LM324.
Op amp power supplies are derived
within the circuitry, and this quiescent
current is included in the 25mA.
S
+V
S
10k
Ω
10k
Ω
OPA602
C
100µA
–V
S
+V
S
V = –V
I
100µA
V
I
V Rate Limit = 100µA/C
O
Diodes: 1N4148
or PWS740-3
Diode Bridge for
reduced V
.
OS
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com