Electronic Components Datasheet Search
  English  ▼

X  

TOF400F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TOF400F
Description  Time-of-Flight ranging Sensor-4M
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TOF400F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TOF400F Datasheet HTML 1Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 2Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 3Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 4Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 5Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 6Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 7Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 8Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
配图
2.2Electrical performance parameters
Project
Element
Minimum
Typical
Maximu
m
Unit
Measuring
range
High
precision
/
1300
/
mm
Long
distance
/
4000
/
mm
Operating
Voltage
/
3.0
3.3
5
V
Working
current
/
/
/
40
mA
Operating
temperature
/
-20
/
70
·c
storage
temperature
/
-40
/
80
·c
2.3Optical parameters
Items
Element
Minimum
Typical
Max
Unit
Vertical emission laser peak
wavelength
/
/
940
/
nm
Vertical emission laser peak
current
/
/
40
/
mA
2.4 Pin description
Pin
Name
Attributes
Function
1
VIN
/
VIN+ 3~5V
2
GND
/
GND
3
SDA
Input /Output
IIC clock port
4
SCL
Input
IIC data port
5
RX
Input
Serial input TTL level RXD
6
TX
Output
Serial output TTL level TXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com