Electronic Components Datasheet Search
  English  ▼

X  

TOF400F Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TOF400F
Description  Time-of-Flight ranging Sensor-4M
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TOF400F Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TOF400F Datasheet HTML 5Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 6Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 7Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 8Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 9Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 10Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 11Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 12Page - List of Unclassifed Manufacturers TOF400F Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
4.Detailed performance
4.1Measurement condition
In all measurement tables in the document, it is considered that the full Field Of View (FOV)
is covered.This system FOV is 27degrees。The height of the target must meet this condition.
4.2Ranging characteristics
Ranging conditions:
· Targets reflectance used: Grey (17 %), White (88 %)
· Offset correction done at 10 cm from sensor
· Indoor: no infrared
· Outdoor: eq. 5 kLux equivalent sunlight (10 kcps/SPAD)
Long range mode (distance interval of more than 100ms)
Parameter
Precision
Minimum Typical
Max
unit
Minimum distance
(indoor white)
±5%
5
mm
Maximum range distance
(indoor white)
±20mm
2600
3600
4000
mm
Maximum range distance
(indoor gray)
±20mm
800
1700
/
mm
Maximum range distance
(outdoor white backlight)
±25mm
/
1660
/
mm
Maximum range distance
(outdoor gray backlight)
±25mm
/
1140
/
mm
Maximum range distance
(outdoor white surface light)
±25mm
/
1140
/
mm
Maximum range distance
(outdoor gray surface light)
±25mm
/
680
/
mm
High precision mode
Parameter
Precision
Minimum Typical
Max
unit
Minimum distance (indoor
white)
±5%
5
mm
Maximum range distance
(indoor white)
±20mm
/
1300
/
mm
Maximum range distance
(indoor gray)
±20mm
/
1300
/
mm
Maximum range distance (white
outdoor)
±25mm
/
1300
/
mm
Maximum range distance (grey
outdoor)
±25mm
/
1200
/
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com