| Electronic Components Datasheet Search |
|
TCAL9538RSVR Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TCAL9538RSVR Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 43 page ![]() 1 0 0 A1 1 1 S 0 A A A R/W A P NA S 1 MSB LSB MSB LSB Target Address Acknowledge From Target Command Byte Data From Upper or Lower Byte of Register Last Byte Data Acknowledge From Target Acknowledge From Target Target Address Data From Lower or Upper Byte of Register First Byte Data No Acknowledge From Controller Acknowledge From Controller At this moment, controller transmitter becomes controller receiver, and target receiver becomes target transmitter. 1 0 0 1 1 R/W Stop Condition A0 A1 A0 Figure 7-11. Read From Register <br/> SCL SDA INT Start Condition R/W Read From Port Data Into Port Stop Condition ACK From Controller NACK From Controller ACK From Target Data From Port Target Address Data From Port 1 9 R 7 6 5 4 3 2 0 1 1 S 0 1 A1 1 A Data 1 Data 4 A NA P Data 2 Data 3 Data 4 Data 5 INT is cleared by Read from Port Stop not needed to clear INT tph tps tir tiv A0 A. Transfer of data can be stopped at any time by a Stop condition. When this occurs, data present at the latest acknowledge phase is valid (output mode). It is assumed that the command byte previously has been set to 00 (read Input Port register). B. This figure eliminates the command byte transfer, a restart, and target address call between the initial target address call and actual data transfer from P port (see Figure 7-11). Figure 7-12. Read Input Port Register www.ti.com TCAL9538 SCPS280A – NOVEMBER 2022 – REVISED NOVEMBER 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 29 Product Folder Links: TCAL9538 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |