Electronic Components Datasheet Search
  English  ▼

X  

LN3C69 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LN3C69
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LN3C69 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LN3C69 Datasheet HTML 1Page - List of Unclassifed Manufacturers LN3C69 Datasheet HTML 2Page - List of Unclassifed Manufacturers LN3C69 Datasheet HTML 3Page - List of Unclassifed Manufacturers LN3C69 Datasheet HTML 4Page - List of Unclassifed Manufacturers LN3C69 Datasheet HTML 5Page - List of Unclassifed Manufacturers LN3C69 Datasheet HTML 6Page - List of Unclassifed Manufacturers LN3C69 Datasheet HTML 7Page - List of Unclassifed Manufacturers LN3C69 Datasheet HTML 8Page - List of Unclassifed Manufacturers LN3C69 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LN3C69
Copyright(C) 2010
Lii Semiconductor
-2-
www.liisemi.com
澎湃驅動力 源於力生美
1
BLOCK DIAGRAM
Pin Configuration
PIN ASSIGNMENTS
Pin No.
Name
Function
Description
1
GND
P
Ground
2
FB
I
Feedback input pin. The PWM duty cycle is determined by voltage level into
this pin and SENSE pin input.
3
VIN
I
Connected through a large value resistor to rectified line input for Startup IC
supply and line voltage sensing.
4
RI
I
Internal Oscillator frequency setting pin. A resistor connected between RI
and GND sets the PWM frequency.
5
RT
I
Temperature sensing input pin. Connected through a NTC resistor to GND.
6
SENSE
I
Current sense input pin. Connected to current sensing resistor node.
7
VDD
P
Chip DC power supply pin
8
GATE
O
Totem-pole drive output for the power MOSFET.
Fig3.
腳義
引定
Fig2.
内部框图



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com