Electronic Components Datasheet Search
  English  ▼

X  

TL087 Datasheet(PDF) 17 Page - Texas Instruments

Part # TL087
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL087 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TL087 Datasheet HTML 13Page - Texas Instruments TL087 Datasheet HTML 14Page - Texas Instruments TL087 Datasheet HTML 15Page - Texas Instruments TL087 Datasheet HTML 16Page - Texas Instruments TL087 Datasheet HTML 17Page - Texas Instruments TL087 Datasheet HTML 18Page - Texas Instruments TL087 Datasheet HTML 19Page - Texas Instruments TL087 Datasheet HTML 20Page - Texas Instruments TL087 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
TL087, TL088, TL287, TL288
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS082B – MARCH 1979 – REVISED – JULY 2004
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
−8
t − Time −
µs
6
8
0
1
2
3
4
5
−6
−4
−2
0
2
4
6
−16
t − Time −
µs
1.2
16
0
0.2
0.4
0.6
0.8
1.0
−12
−8
−4
0
4
8
12
VCC ± = ±15 V
RL = 2 kΩ
CL = 100 pF
TA = 25°C
See Figure 1
VCC ± = ±15 V
RL = 2 kΩ
CL = 100 pF
TA = 25°C
See Figure 1
VOLTAGE-FOLLOWER
SMALL-SIGNAL
PULSE RESPONSE
VOLTAGE-FOLLOWER
LARGE-SIGNAL
PULSE RESPONSE
Figure 41
Figure 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com