Electronic Components Datasheet Search
  English  ▼

X  

TL087 Datasheet(PDF) 18 Page - Texas Instruments

Part # TL087
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL087 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TL087 Datasheet HTML 14Page - Texas Instruments TL087 Datasheet HTML 15Page - Texas Instruments TL087 Datasheet HTML 16Page - Texas Instruments TL087 Datasheet HTML 17Page - Texas Instruments TL087 Datasheet HTML 18Page - Texas Instruments TL087 Datasheet HTML 19Page - Texas Instruments TL087 Datasheet HTML 20Page - Texas Instruments TL087 Datasheet HTML 21Page - Texas Instruments TL087 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
TL087, TL088, TL287, TL288
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS082B – MARCH 1979 – REVISED – JULY 2004
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL APPLICATION DATA
output characteristics
All operating characteristics are specified with 100-pF load capacitance. These amplifiers will drive higher
capacitive loads; however, as the load capacitance increases, the resulting response pole occurs at lower
frequencies, causing ringing, peaking, or even oscillation. The value of the load capacitance at which oscillation
occurs varies with production lots. If an application appears to be sensitive to oscillation due to load capacitance,
adding a small resistance in series with the load should alleviate the problem. Capacitive loads of 1000 pF, and
larger, may be driven if enough resistance is added in series with the output (see Figure 43).
(a) CL = 100 pF, R = 0
(b) CL = 300 pF, R = 0
(c) CL = 350 pF, R = 0
(d) CL = 1000 pF, R = 0
(e) CL = 1000 pF, R = 50 Ω
(f) CL = 1000 pF, R = 2 kΩ
Figure 43. Effect of Capacitive Loads
5 V
−5 V
15 V
− 15 V
2 k
Ω
VO
R
NOTE A: CL includes fixture capacitance
CL
(see Note A)
Figure 44. Test Circuit for Output Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com