Electronic Components Datasheet Search
  English  ▼

X  

TL3577 Datasheet(PDF) 4 Page - Texas Instruments

Part # TL3577
Description  100-kHz CURRENT-MODE SIMPLE STEP-UP/FLYBACK SWITCHING REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3577 Datasheet(HTML) 4 Page - Texas Instruments

  TL3577 Datasheet HTML 1Page - Texas Instruments TL3577 Datasheet HTML 2Page - Texas Instruments TL3577 Datasheet HTML 3Page - Texas Instruments TL3577 Datasheet HTML 4Page - Texas Instruments TL3577 Datasheet HTML 5Page - Texas Instruments TL3577 Datasheet HTML 6Page - Texas Instruments TL3577 Datasheet HTML 7Page - Texas Instruments TL3577 Datasheet HTML 8Page - Texas Instruments TL3577 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.ti.com
Electrical Characteristics
DVOUT
DVIN
DVOUT
DILOAD
DVREF
DVIN
DISWITCH
DVCOMP
TL3577
100-kHz CURRENT-MODE SIMPLE STEP-UP/FLYBACK SWITCHING REGULATOR
SLVS633 – OCTOBER 2006
V
IN = 5 V, VFEEDBACK = VREF, ISWITCH = 0 (unless otherwise noted)
TL3577-ADJ
PARAMETER
TEST CONDITIONS
TJ
UNIT
MIN
TYP
MAX
25
°C
11.6
12
12.4
VIN = 5 V to 10 V,
VOUT
Output voltage
V
ILOAD = 100 mA to 800 mA, See Figure 1
Full range
11.4
12.6
25
°C
20
50
VIN = 3.5 V to 10 V, ILOAD = 200 mA,
Line regulation
mV
See Figure 1
Full range
100
25
°C
20
50
Load regulation
ILOAD = 100 mA to 800 mA, See Figure 1
mV
Full range
100
η
Efficiency
ILOAD = 800 mA, See Figure 1
25
°C
80
%
25
°C
7.5
10
VFEEDBACK = 1.5 V (SWITCH Off)
Full range
14
ICC
Input supply current
mA
25
°C
45
70
ISWITCH = 2 A,
VCOMP = 2 V (maximum duty cycle)
Full range
85
25
°C
2.7
2.85
VUV
Input supply undervoltage lockout ISWITCH = 100 mA
V
Full range
2.95
25
°C
85
100
115
fO
Oscillator frequency
Measured at SWITCH, ISWITCH = 100 mA
kHz
Full range
80
120
25
°C
1.214
1.23
1.246
Measured at FEEDBACK,
VREF
Reference voltage
V
VIN = 3 V to 40 V, VCOMP = 1 V
Full range
1.206
1.254
Reference voltage line regulation
VIN = 3 V to 40 V
25
°C
0.5
mV
25
°C
100
300
IB
Error amplifier input bias current
VCOMP = 1 V
nA
Full range
800
25
°C
2400
3700
4800
GM
Error amplifier transconductance
ICOMP = –30 µA to 30 µA, VCOMP = 1 V
µmho
Full range
1600
5800
25
°C
500
800
AVOL
Error amplifier voltage gain
VCOMP = 1.1 V to 1.9 V, RCOMP = 1 MΩ(1)
V/V
Full range
250
25
°C
2.2
2.4
Upper limit, VFEEDBACK = 1 V
Full range
2
Error amplifier output swing
V
25
°C
0.3
0.4
Lower limit, VFEEDBACK = 1.5 V
Full range
0.55
25
°C
±130
±200
±300
Error amplifier output current
VFEEDBACK = 1 V to 1.5 V, VCOMP = 1 V
µA
Full range
±90
±400
25
°C
2.5
5
7.5
ISS
Soft-start current
VFEEDBACK = 1 V, VCOMP = 0
µA
Full range
1.5
9.5
25
°C
88
90
D
Maximum duty cyle
VCOMP = 1.5 V, ISWITCH = 100 mA
%
Full range
84
Switch transconductance
25
°C
12.5
A/V
25
°C
10
300
VSWITCH = 65 V,
IL
Switch leakage current
µA
VFEEDBACK = 1.5 V (SWITCH off)
Full range
600
25
°C
0.5
0.7
ISWITCH = 2 A,
VSAT
Switch saturation voltage
V
VCOMP = 2 V (maximum duty cycle)
Full range
0.9
25
°C
3.7
4.3
5.3
NPN switch current limit
VCOMP = 2 V
A
Full range
3
6
(1)
A 1-M
Ω resistor is connected to the compensation pin (which is the error amplifier output) to ensure accuracy in measuring A
VOL. In
actual applications, this load resistance should be
≥10 MΩ, resulting in A
VOL that is typically twice the specified minimum limit.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com