Electronic Components Datasheet Search
  English  ▼

X  

TL3577 Datasheet(PDF) 16 Page - Texas Instruments

Part # TL3577
Description  100-kHz CURRENT-MODE SIMPLE STEP-UP/FLYBACK SWITCHING REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3577 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TL3577 Datasheet HTML 12Page - Texas Instruments TL3577 Datasheet HTML 13Page - Texas Instruments TL3577 Datasheet HTML 14Page - Texas Instruments TL3577 Datasheet HTML 15Page - Texas Instruments TL3577 Datasheet HTML 16Page - Texas Instruments TL3577 Datasheet HTML 17Page - Texas Instruments TL3577 Datasheet HTML 18Page - Texas Instruments TL3577 Datasheet HTML 19Page - Texas Instruments TL3577 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
www.ti.com
4. Input Capacitor Selection (CIN)
TL3577
100-kHz CURRENT-MODE SIMPLE STEP-UP/FLYBACK SWITCHING REGULATOR
SLVS633 – OCTOBER 2006
C. Calculate the minimum value of CC.
CC ≥ 58.5 × VOUT
2
× C
OUT × RC
2
× V
IN(min)
The compensation capacitor also is used in the soft-start function of the regulator. When the input voltage is
applied to the part, the switch duty cycle is increased slowly at a rate defined by the compensation capacitor and
the soft-start current, thus eliminating high input currents. Without the soft-start circuitry, the switch duty cycle
would instantly rise to about 90% and draw large currents from the input supply. For proper soft starting, the
value for CC should be equal to or greater than 0.22 µF.
Table 3 lists several types of aluminum electrolytic capacitors that could be used for the output filter. Use the
following parameters to select the capacitor:
Working Voltage (WVDC): Choose a capacitor with a working voltage at least 20% higher than the regulator
output voltage.
Ripple Current: This is the maximum RMS value of current that charges the capacitor during each switching
cycle. For step-up and flyback regulators, the formula for ripple current is:
IRIPPLE(rms) = (ILOAD(max) × Dmax)/(1 – Dmax)
Choose a capacitor that is rated at least 50% higher than this value at 100 kHz.
Equivalent Series Resistance (ESR): This is the primary cause of output ripple voltage, and it also affects the
values of RC and CC needed to stabilize the regulator. As a result, the preceding calculations for CC and RC are
only valid if the ESR does not exceed the maximum value specified by the following equations.
ESR
≤ (0.01 × 15 V)/I
RIPPLE(P-P) and ≤ (8.7 × 10
-3
× V
IN)/ILOAD(max) where
IRIPPLE(P-P) = (1.15 × ILOAD(max))/(1 – Dmax)
Select a capacitor with an ESR, at 100 kHz, that is less than or equal to the lower value calculated. Most
electrolytic capacitors specify ESR at 120 kHz, which is 15% to 30% higher than at 100 kHz. Also, note that
ESR increases by a factor of 2 when operating at –20
°C.
In general, low values of ESR are achieved by using large-value capacitors (C
≥ 470 µF) and capacitors with
high WVDC, or by paralleling smaller-value capacitors.
To reduce noise on the supply voltage caused by the switching action of a step-up regulator (ripple current
noise), VIN should be bypassed to ground. A good quality 0.1-µF capacitor with low ESR should provide
sufficient decoupling. If the TL3577 is located far from the supply-source filter capacitors, an additional
electrolytic (47
µF, for example) is required.
Table 3. Aluminum Electrolytic Capacitors Recommended for Switching Regulators
Nichicon – Types PF, PX, or PZ
United Chemi-CON – Types LX, SXF, or SXJ
927 East State Parkway, Schaumburg, IL 60173
9801West Higgens, Rosemont, IL 60018
(708) 843-7500
(708) 696-2000
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com