Electronic Components Datasheet Search
  English  ▼

X  

TL431BCDBVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TL431BCDBVT
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431BCDBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button TL431BCDBVT Datasheet HTML 15Page - Texas Instruments TL431BCDBVT Datasheet HTML 16Page - Texas Instruments TL431BCDBVT Datasheet HTML 17Page - Texas Instruments TL431BCDBVT Datasheet HTML 18Page - Texas Instruments TL431BCDBVT Datasheet HTML 19Page - Texas Instruments TL431BCDBVT Datasheet HTML 20Page - Texas Instruments TL431BCDBVT Datasheet HTML 21Page - Texas Instruments TL431BCDBVT Datasheet HTML 22Page - Texas Instruments TL431BCDBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
‡ Data is for devices having the indicated value of Vref at IKA = 10 mA,
TA = 25°C.
Figure 5
2500
2480
2420
2400
−75
−50
−25
0
25
50
75
2540
2580
REFERENCE VOLTAGE
vs
FREE-AIR TEMPERATURE
2600
100
125
2460
2560
2520
2440
TA − Free-Air Temperature − °C
Vref = 2495 mV‡
Vref = 2440 mV‡
VKA = Vref
IKA = 10 mA
Vref = 2550 mV‡
3
2
1
0
−75
−25
0
50
4
REFERENCE CURRENT
vs
FREE-AIR TEMPERATURE
5
100
125
−50
25
75
TA − Free-Air Temperature − °C
R1 = 10 k
Ω
R2 =
∞
IKA = 10 mA
Figure 6
Figure 7
25
0
−50
−75
−100
125
−25
−2
−1
0
1
75
50
100
CATHODE CURRENT
vs
CATHODE VOLTAGE
150
23
VKA − Cathode Voltage − V
VKA = Vref
TA = 25°C
Figure 8
400
200
0
−200
−1
0
1
600
CATHODE CURRENT
vs
CATHODE VOLTAGE
800
23
VKA = Vref
TA = 25°C
VKA − Cathode Voltage − V
Imin
† Data at high and low temperatures is applicable only within the recommended operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com