Electronic Components Datasheet Search
  English  ▼

X  

TL431BCDBVT Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TL431BCDBVT
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431BCDBVT Datasheet(HTML) 25 Page - Texas Instruments

Back Button TL431BCDBVT Datasheet HTML 21Page - Texas Instruments TL431BCDBVT Datasheet HTML 22Page - Texas Instruments TL431BCDBVT Datasheet HTML 23Page - Texas Instruments TL431BCDBVT Datasheet HTML 24Page - Texas Instruments TL431BCDBVT Datasheet HTML 25Page - Texas Instruments TL431BCDBVT Datasheet HTML 26Page - Texas Instruments TL431BCDBVT Datasheet HTML 27Page - Texas Instruments TL431BCDBVT Datasheet HTML 28Page - Texas Instruments TL431BCDBVT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
R1
0.1%
R2
0.1%
R
(see Note A)
Vref
VO
TL431
VI(BATT)
RETURN
NOTE A: R should provide cathode current
≥1 mA to the TL431 at minimum VI(BATT).
V
O +
1
) R1
R2
V
ref
Figure 17. Shunt Regulator
VO
TL431
VI(BATT)
VIT ≈ 2.5 V
GND
Input
Von ≈2 V
Voff ≈VI(BATT)
Figure 18. Single-Supply Comparator With Temperature-Compensated Threshold
R
(see Note A)
VO
TL431
VI(BATT)
2N222
2N222
4.7 k
Ω
R1
0.1%
R2
0.1%
0.01
µF
30
Ω
V
O +
1
) R1
R2
V
ref
NOTE A: R should provide cathode current
≥1 mA to the TL431 at minimum VI(BATT).
Figure 19. Precision High-Current Series Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com