Electronic Components Datasheet Search
  English  ▼

X  

4046B Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 4046B
Description  Phase-locked loop
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

4046B Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 4046B Datasheet HTML 7Page - NXP Semiconductors 4046B Datasheet HTML 8Page - NXP Semiconductors 4046B Datasheet HTML 9Page - NXP Semiconductors 4046B Datasheet HTML 10Page - NXP Semiconductors 4046B Datasheet HTML 11Page - NXP Semiconductors 4046B Datasheet HTML 12Page - NXP Semiconductors 4046B Datasheet HTML 13Page - NXP Semiconductors 4046B Datasheet HTML 14Page - NXP Semiconductors 4046B Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
January 1995
13
Philips Semiconductors
Product specification
Phase-locked loop
HEF4046B
MSI
Fig.10 Power dissipation as a function of R1;
R2 =
∞; VCOIN at 1⁄2 VDD; CL = 50 pF.
Fig.11 Power dissipation as a function of R2;
R1 =
∞; VCOIN at VSS (0 V);
CL =50pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com