Electronic Components Datasheet Search
  English  ▼

X  

4046B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 4046B
Description  Phase-locked loop
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

4046B Datasheet(HTML) 2 Page - NXP Semiconductors

  4046B Datasheet HTML 1Page - NXP Semiconductors 4046B Datasheet HTML 2Page - NXP Semiconductors 4046B Datasheet HTML 3Page - NXP Semiconductors 4046B Datasheet HTML 4Page - NXP Semiconductors 4046B Datasheet HTML 5Page - NXP Semiconductors 4046B Datasheet HTML 6Page - NXP Semiconductors 4046B Datasheet HTML 7Page - NXP Semiconductors 4046B Datasheet HTML 8Page - NXP Semiconductors 4046B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
January 1995
2
Philips Semiconductors
Product specification
Phase-locked loop
HEF4046B
MSI
DESCRIPTION
The HEF4046B is a phase-locked loop circuit that consists
of a linear voltage controlled oscillator (VCO) and two
different phase comparators with a common signal input
amplifier and a common comparator input. A 7 V regulator
(zener) diode is provided for supply voltage regulation if
necessary. For functional description see further on in this
data.
Fig.1 Functional diagram.
HEF4046BP(N):
16-lead DIL; plastic
(SOT38-1)
HEF4046BD(F):
16-lead DIL; ceramic (cerdip)
(SOT74)
HEF4046BT(D):
16-lead SO; plastic
(SOT109-1)
( ): Package Designator North America
FAMILY DATA
See Family Specifications
IDD LIMITS category MSI
See further on in this data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com