Electronic Components Datasheet Search
  English  ▼

X  

EST7502B Datasheet(PDF) 3 Page - Shenzhen Dongfangteng Technology Co., Ltd.

Part # EST7502B
Description  PC Power Supply PWM with Supervisor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EST [Shenzhen Dongfangteng Technology Co., Ltd.]
Direct Link  http://www.esthome.com
Logo EST - Shenzhen Dongfangteng Technology Co., Ltd.

EST7502B Datasheet(HTML) 3 Page - Shenzhen Dongfangteng Technology Co., Ltd.

  EST7502B Datasheet HTML 1Page - Shenzhen Dongfangteng Technology Co., Ltd. EST7502B Datasheet HTML 2Page - Shenzhen Dongfangteng Technology Co., Ltd. EST7502B Datasheet HTML 3Page - Shenzhen Dongfangteng Technology Co., Ltd. EST7502B Datasheet HTML 4Page - Shenzhen Dongfangteng Technology Co., Ltd. EST7502B Datasheet HTML 5Page - Shenzhen Dongfangteng Technology Co., Ltd. EST7502B Datasheet HTML 6Page - Shenzhen Dongfangteng Technology Co., Ltd. EST7502B Datasheet HTML 7Page - Shenzhen Dongfangteng Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EST7502B
PC Power Supply PWM with Supervisor
www.esthome.com
3
2007-10-15 V2
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS, VCC=5.5V
CHARACTERISTICS
SYMBOL
VALUE
Unit
Supply voltage
VCC
5.5
V
Drain output voltage
Vcc1, Vcc2
5.5
V
Drain output current
Icc1, Icc2
200
mA
Power dissipation
Pd
200
mW
Operating temperature
Topr
-20 ~ +85
℃
Storage temperature
Tstg
-65 ~ +150
℃
C
DQ
QN
R
SQ
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
V33
V5
V12
PT
QOUT
PG
REM
REMONF
REMON
SS
DET
C1
RT
VADJ
OPNEGIN
C2
OPOUT
UVP
110us
0.62V
0.62V
510us
280ms delay
280ms delay
Vss
CLR
IN
OUT
[11]
IN
OUT
5K
SOFT_START CONTROLLER
[10]
DETCMP
PWMCMP
PWM CONTROL
OSC
CLR
2.45V
ERROR AMP
[16]
[15]
4.5mS
Delay
36mS
Delay
[14]
[6]
[12]
[9]
[4]
[3]
[2]
[1]
OVP
OV
OV
OV
OV
UV
UV
UV
[8]
[7]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com