Electronic Components Datasheet Search
  English  ▼

X  

EST7502B Datasheet(PDF) 7 Page - Shenzhen Dongfangteng Technology Co., Ltd.

Part # EST7502B
Description  PC Power Supply PWM with Supervisor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EST [Shenzhen Dongfangteng Technology Co., Ltd.]
Direct Link  http://www.esthome.com
Logo EST - Shenzhen Dongfangteng Technology Co., Ltd.

EST7502B Datasheet(HTML) 7 Page - Shenzhen Dongfangteng Technology Co., Ltd.

  EST7502B Datasheet HTML 1Page - Shenzhen Dongfangteng Technology Co., Ltd. EST7502B Datasheet HTML 2Page - Shenzhen Dongfangteng Technology Co., Ltd. EST7502B Datasheet HTML 3Page - Shenzhen Dongfangteng Technology Co., Ltd. EST7502B Datasheet HTML 4Page - Shenzhen Dongfangteng Technology Co., Ltd. EST7502B Datasheet HTML 5Page - Shenzhen Dongfangteng Technology Co., Ltd. EST7502B Datasheet HTML 6Page - Shenzhen Dongfangteng Technology Co., Ltd. EST7502B Datasheet HTML 7Page - Shenzhen Dongfangteng Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EST7502B
PC Power Supply PWM with Supervisor
www.esthome.com
7
2007-10-15 V2
7. Reference Application Circuit:
8. In some application power system, adding an external resistor (R9) could reduce the peak
value spike from the environments to pin 9 (REM) and avoid pin 9 (REM ) damaged by the
external noise.
EXTERNAL DIMENSIONS
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
0.740
0.770
18.80
19.55
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.021
0.39
0.53
F
0.040
0.070
1.02
1.78
G
0.100BSC
2.54BSC
H
0.050BSC
1.27BSC
J
0.008
0.015
0.21
0.38
K
0.110
0.130
2.80
3.30
L
0.295
0.305
7.50
7.74
M
0°
10°
0°
10°
S
0.020
0.040
0.51
1.01
DIP-16 Outline Dimensions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com