Electronic Components Datasheet Search
  English  ▼

X  

VC0736 Datasheet(PDF) 26 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 26 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 22Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 23Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 24Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 25Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 26Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 27Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 28Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 29Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 30Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
24/125
4-CH AHD2.0 RX and 9-CH Audio Codec
2.10.4. 148.5MHz 2-Ch EX-FHD Data Output Mode
Operated in the 148.5MHz EX-FHD Data Out Mode,
NVP6124 outputs VCLK01, VCLK02,
VCLK03, VCLK04 and VDO1[7:0], VDO2[7:0], VDO3[7:0], VDO4[7:0] in the timing as shown in
Figure 2.17. Two Channel EX-FHD data stream represents 8bit BT.656/1120(like) 4:2:2 format
with 148.5MHz multiplexed.
For VCLK01, VCLK02, VCLK03 and VCLK04, phase adjustment can be made against
VDO1~VDO4 using "Clock Delay Control" Register.
- (VCLK_x_SEL, 0xCC~CF[6:4]=0x6 or 7, Control of Output Clock)
- (VCLK_x_DLY_SEL, 0xCC~CF[3:0]=0x0~F, Control of Phase in Output Clock)
- (CH_OUT_SELx, 0xC8[7:4], 0xC8[3:0], 0xC9[7:4], 0xC9[3:0]=0x11, Control how many multiplexed
channel in a port)
CH2
CH2
CH1
CH2
CH1
CH2
All Port
(VDO1, VDO2)
Channel 1,2 EX-FHD muxed @ 148.5MHz
148.5MHz Clock
(VCLK1, VCLK2)
CH1
CH1
CH2
Separated data 1
Separated data 2
Muxing
ch1~4
ch1
time
multiplexer
VDOx
CHx_OUT_SEL
VCLK0x
VPORTx_SEQx
Muxing
ch1~4
ch2
Muxing
ch1~4
ch3
Muxing
ch1~4
ch4
FHD data of CH1
EX-FHD data of CH1,2
0
1
CHx_OUT_SEL
VDOx
Figure 2.17. EX-FHD 2Channel muxed @148.5MHz Data Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com