Electronic Components Datasheet Search
  English  ▼

X  

PCF8574 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8574
Description  REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCF8574 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCF8574 Datasheet HTML 4Page - Texas Instruments PCF8574 Datasheet HTML 5Page - Texas Instruments PCF8574 Datasheet HTML 6Page - Texas Instruments PCF8574 Datasheet HTML 7Page - Texas Instruments PCF8574 Datasheet HTML 8Page - Texas Instruments PCF8574 Datasheet HTML 9Page - Texas Instruments PCF8574 Datasheet HTML 10Page - Texas Instruments PCF8574 Datasheet HTML 11Page - Texas Instruments PCF8574 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
DUT
RL = 1 kΩ
VCC
CL = 10 pF to 400 pF
tbuf
ticr
tsth
tsds
tsdh
ticf
ticr
tscl
tsch
tsts
tPHL
tPLH
0.7
× VCC
Stop
Condition
tsps
Repeat
Start
Condition
Start or
Repeat
Start
Condition
SCL
SDA
Start
Condition
(S)
Bit 7
MSB
Bit 6
Bit 0
LSB
(R/W)
Acknowledge
(A)
Stop
Condition
(P)
2 Bytes for Complete Device
Programming
LOAD CIRCUIT
VOLTAGE WAVEFORMS
ticf
Stop
Condition
(P)
tsp
0.7
× VCC
0.3
× VCC
0.3
× VCC
Pn
PCF8574
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
SCPS068F – JULY 2001 – REVISED OCTOBER 2006
Figure 3. I2C Interface Load Circuit and Voltage Waveforms
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com