Electronic Components Datasheet Search
  English  ▼

X  

PCF8574 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8574
Description  REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCF8574 Datasheet(HTML) 1 Page - Texas Instruments

  PCF8574 Datasheet HTML 1Page - Texas Instruments PCF8574 Datasheet HTML 2Page - Texas Instruments PCF8574 Datasheet HTML 3Page - Texas Instruments PCF8574 Datasheet HTML 4Page - Texas Instruments PCF8574 Datasheet HTML 5Page - Texas Instruments PCF8574 Datasheet HTML 6Page - Texas Instruments PCF8574 Datasheet HTML 7Page - Texas Instruments PCF8574 Datasheet HTML 8Page - Texas Instruments PCF8574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A0
A1
A2
P0
P1
P2
P3
GND
VCC
SDA
SCL
INT
P7
P6
P5
P4
DW OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
INT
SCL
NC
SDA
VCC
A0
A1
NC
A2
P0
P7
P6
NC
P5
P4
GND
P3
NC
P2
P1
DGV OR PW PACKAGE
(TOP VIEW)
NC – No internal connection
RGY PACKAGE
(TOP VIEW)
1
20
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
P6
NC
P5
P4
GND
P3
NC
P2
SCL
NC
SDA
VCC
A0
A1
NC
A2
NC – No internal connection
RGT PACKAGE
(TOP VIEW)
1
2
3
4
9
10
11
12
GND
P4
P5
P6
V
CC
A0
A1
A2
DESCRIPTION/ORDERING INFORMATION
PCF8574
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
SCPS068F – JULY 2001 – REVISED OCTOBER 2006
•
Low Standby-Current Consumption of
•
Latched Outputs With High-Current Drive
10
µA Max
Capability for Directly Driving LEDs
•
I2C to Parallel-Port Expander
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
Open-Drain Interrupt Output
•
Compatible With Most Microcontrollers
This 8-bit input/output (I/O) expander for the two-line bidirectional bus (I2C) is designed for 2.5-V to 6-V VCC
operation.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PCF8574N
PDIP – N
Tube of 25
PCF8574N
PCF8574NE4
QFN – RGT
Reel of 3000
PCF8574RGTR
ZWJ
PCF8574RGYR
QFN – RGY
Reel of 1000
PF574
PCF8574RGYRG4
PCF8574DW
Tube of 40
PCF8574DWE4
SOIC – DW
PCF8574
–40
°C to 85°C
PCF8574DWR
Reel of 2000
PCF8574DWRE4
PCF8574PW
Tube of 70
PCF8574PWE4
TSSOP – PW
PF574
PCF8574PWR
Reel of 2000
PCF8574PWRE4
PCF8574DGVR
TVSOP – DGV
Reel of 2000
PF574
PCF8574DGVRE4
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCF8574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574 Datasheet
156Kb / 24P
Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
logo
Texas Instruments
PCF8574 TI-PCF8574 Datasheet
1Mb / 26P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI-PCF8574 Datasheet
959Kb / 26P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574 Datasheet
138Kb / 24P
Remote 8-bit I/O expander for I2C-bus
2002 Nov 22
PCF8574 NXP-PCF8574 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCF8574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574 Datasheet
156Kb / 24P
Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
logo
Texas Instruments
PCF8574 TI-PCF8574_08 Datasheet
1Mb / 26P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574A TI-PCF8574A_05 Datasheet
771Kb / 21P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI-PCF8574_10 Datasheet
959Kb / 26P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574A TI-PCF8574A_10 Datasheet
683Kb / 21P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574_02 Datasheet
138Kb / 24P
Remote 8-bit I/O expander for I2C-bus
2002 Nov 22
PCF8574PN PHILIPS-PCF8574PN Datasheet
132Kb / 24P
Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
logo
Texas Instruments
PCF8574 TI1-PCF8574_15 Datasheet
1Mb / 36P
Remote 8-Bit I/O Expander for I2C Bus
logo
List of Unclassifed Man...
HLF8574 ETC-HLF8574 Datasheet
1Mb / 12P
Remote 8-bit I/O expander for I2C-bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com