Electronic Components Datasheet Search
  English  ▼

X  

80C286 Datasheet(PDF) 43 Page - Intersil Corporation

Part # 80C286
Description  High Performance Microprocessor with Memory Management and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

80C286 Datasheet(HTML) 43 Page - Intersil Corporation

Back Button 80C286 Datasheet HTML 39Page - Intersil Corporation 80C286 Datasheet HTML 40Page - Intersil Corporation 80C286 Datasheet HTML 41Page - Intersil Corporation 80C286 Datasheet HTML 42Page - Intersil Corporation 80C286 Datasheet HTML 43Page - Intersil Corporation 80C286 Datasheet HTML 44Page - Intersil Corporation 80C286 Datasheet HTML 45Page - Intersil Corporation 80C286 Datasheet HTML 46Page - Intersil Corporation 80C286 Datasheet HTML 47Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
43
AC Test Conditions
AC Electrical Specifications VCC = +5V ±5%, TA = 0oC to +70oC (C80C286-20, -25), TA = -40oC to +85oC (l80C286-20)
AC Timings are Referenced to the 1.5V Point of the Signals as Illustrated in Data Sheet Waveforms,
Unless Otherwise Specified
SYMBOL
PARAMETER
20MHz
25MHz
UNIT
TEST CONDITION
MIN
MAX
MIN
MAX
TIMING REQUIREMENTS
1
System Clock (CLK) Period
25
-
20
-
ns
2
System Clock (CLK) LOW Time
6
-
5
-
ns
At 1.0V
3
System Clock (CLK) HIGH Time
9
-
7
-
ns
At 3.6V
17
System Clock (CLK) RISE Time
-
4
-
4
ns
1.0V to 3.6V
18
System Clock (CLK) FALL Time
-
4
-
4
ns
3.6V to 1.0V
4
Asynchronous Inputs SETUP Time
4
-
4
-
ns
(Note 37)
5
Asynchronous Inputs HOLD Time
4
-
4
-
ns
(Note 37)
6
RESET SETUP Time
10
-
10
-
ns
7
RESET HOLD Time
0
-
0
-
ns
8
Read Data SETUP Time
3
-
3
-
ns
9
Read Data HOLD Time
2
-
2
-
ns
10
READY SETUP Time
10
-
9
-
ns
11
READY HOLD Time
3-3-
ns
20
Input RISE/FALL Times
-
6
-
6
ns
0.8V to 2.0V
TIMING RESPONSES
12A
Status/PEACK Active Delay
1
15
1
12
ns
1, (Notes 39, 42)
12B
Status/PEACK Inactive Delay
1
16
1
13
ns
1, (Notes 39, 42)
13
Address Valid Delay
1
23
1
20
ns
1, (Notes 38, 39)
14
Write Data Valid Delay
0
27
0
24
ns
1, (Notes 38, 39)
15
Address/Status/Data Float Delay
0
25
0
24
ns
2, (Note 41)
16
HLDA Valid Delay
0
20
0
19
ns
1, (Notes 38, 39)
19
Address Valid to Status SETUP Time
9
-
12
-
ns
1, (Notes 39, 40)
NOTES:
37. Asynchronous inputs are INTR, NMl, HOLD, PEREQ, ERROR, and BUSY. This specification is given only for testing purposes, to assure
recognition at a specific CLK edge.
38. Delay from 1.0V on the CLK to 1.5V.
39. Output load: CL = 100pF.
40. Delay measured from address reaching 1.5V to status reaching 1.5V.
41. Delay from 1.0V on the CLK to Float (no current drive) condition.
42. Delay from 1.0V on the CLK to 1.5V.
TEST CONDITION
IL (CONSTANT CURRENT SOURCE)
CL
1
|2.0mA|
100pF
2-6mA (VOH to Float)
8mA (VOL to Float)
100pF
80C286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com