Electronic Components Datasheet Search
  English  ▼

X  

CS82C88 Datasheet(PDF) 10 Page - Intersil Corporation

Part # CS82C88
Description  CMOS Bus Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C88 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button CS82C88 Datasheet HTML 3Page - Intersil Corporation CS82C88 Datasheet HTML 4Page - Intersil Corporation CS82C88 Datasheet HTML 5Page - Intersil Corporation CS82C88 Datasheet HTML 6Page - Intersil Corporation CS82C88 Datasheet HTML 7Page - Intersil Corporation CS82C88 Datasheet HTML 8Page - Intersil Corporation CS82C88 Datasheet HTML 9Page - Intersil Corporation CS82C88 Datasheet HTML 10Page - Intersil Corporation CS82C88 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN2979.2
August 25, 2005
Burn-In Circuits
MD82C88 CERDIP
MR82C88 CLCC
NOTES:
1. VCC = 5.5V ± 0.5V
GND = 0V
2. VIH = 4.5V ± 10%
VIL = -0.2V to +0.4V
3. Component Values:
R1 = 47k
Ω, 1/4W, 5%
R2 = 1.5k
Ω, 1/4W, 5%
R3 = 10k
Ω, 1/4W, 5%
R4 = 1.2k
Ω, 1/4W, 5%
C1 = 0.01
µF (Min)
F0 = 100kHz
± 10%
F1 = F0/2
F2 = F1/2 . . . F7 = F6/2
11
12
13
14
15
16
17
18
19
20
R1
R1
R2
R1
10
9
8
7
6
5
4
3
2
1
R2
R2
R1
R 3
R 3
VCC
A
C1
F5
F7
F0
F3
A
A
VCC
A
A
A
F2
VCC
A
A
A
A
F4
F6
A
A
4
5
6
7
8
910
11
12
13
3
2
1
20
19
15
14
18
17
16
R2
R4
R4
R1
R4
F2
VCC/ 2
VCC/ 2
F6
VCC/ 2
R4
R4
R4
R4
VCC/ 2
VCC/ 2
R1
R4 R1
R4
VCC
F0
F7
F3
F4
R4
R4
R1
R4
R4
VCC/ 2
VCC/ 2
VCC/ 2
VCC/ 2
F5
VCC
C1
82C88
82C88



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com