Electronic Components Datasheet Search
  English  ▼

X  

CS82C88 Datasheet(PDF) 11 Page - Intersil Corporation

Part # CS82C88
Description  CMOS Bus Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C88 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CS82C88 Datasheet HTML 3Page - Intersil Corporation CS82C88 Datasheet HTML 4Page - Intersil Corporation CS82C88 Datasheet HTML 5Page - Intersil Corporation CS82C88 Datasheet HTML 6Page - Intersil Corporation CS82C88 Datasheet HTML 7Page - Intersil Corporation CS82C88 Datasheet HTML 8Page - Intersil Corporation CS82C88 Datasheet HTML 9Page - Intersil Corporation CS82C88 Datasheet HTML 10Page - Intersil Corporation CS82C88 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN2979.2
August 25, 2005
Die Characteristics
DIE DIMENSIONS:
103.5 x 116.5 x 19
± 1mils
METALLIZATION:
Type: Si - Al
Thickness: 11k
Å ± 2kÅ
GLASSIVATION:
Type: Nitrox
Thickness: 10k
Å
WORST CASE CURRENT DENSITY:
1.9 x 105 A/cm2
Metallization Mask Layout
82C88
S1
CLK
IOB
VCC
S0
S2
MCE/
DEN
CEN
INTA
IORC
AIOWC
IOWC
GND
MWTC
AMWC
MRDC
AEN
ALE
DT/R
PDEN
82C88



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com