Electronic Components Datasheet Search
  English  ▼

X  

S4100 Datasheet(PDF) 4 Page - Texas Instruments

Part # S4100
Description  Multi-Function Reader Module Data Sheet
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

S4100 Datasheet(HTML) 4 Page - Texas Instruments

  S4100 Datasheet HTML 1Page - Texas Instruments S4100 Datasheet HTML 2Page - Texas Instruments S4100 Datasheet HTML 3Page - Texas Instruments S4100 Datasheet HTML 4Page - Texas Instruments S4100 Datasheet HTML 5Page - Texas Instruments S4100 Datasheet HTML 6Page - Texas Instruments S4100 Datasheet HTML 7Page - Texas Instruments S4100 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
S4100 MULTI-FUNCTION READER MODULE
11-06-22-715 10/2003
4
WWW.TI-RFID.COM
INPUT/OUTPUT INTERFACE
Signal Name
Input /
Output
Location
Signal Definition
Interface Circuitry
Max
Values*
Vcc
Input
J1 pin 1, J8 pin 1
Input voltage from low-noise regulated
power supply.
5.5 V
Ground
Ground
J1 pin 2, J8 pin 2
Ground
OUT 3
GP I/O
J1 pin 3, J8 pin 3
A low to high transition of this signal line
indicates a successful read of a LF
transponder.
5.5 V
OUT 2
GP I/O
J1 pin 4, J7 pin 4,
J8 pin 4
A low to high transition of this signal line
indicates a successful read of a HF
transponder.
5.5 V
OUT 1
GP I/O
J1 pin 6, J7 pin 3,
J8 pin 6
A low to high transition of this signal line
indicates a successful read of a LF or HF
transponder.
5.5 V
TX Data
Output
J1 pin 7, J8 pin 7
Transmit serial data (DCE) to application
communications interface. Max data rate
is 38.4 kbps.
5.5 V
RX Data
Input
J1 pin 8, J8 pin 8
Receive serial data (DCE) from
application communications interface.
Max data rate is 38.4 kbps.
TTL Signal Level
Isource_max = 20 mA at 5V
5.5 V
HF Antenna
Ground
Ground
J4 pin 1, J7 pin 1
Only J4 pin 1 should be used for antenna
ground.
HF Antenna
Output
Output
J4 pin 2, J7 pin 2
Output to matched 50 Ω HF antenna.
5.5 V
LF Ant High
Output
J5 pin 1, J7 pin 6
5.5 V
LF Ant Low
Output
J5 Pin 2, J7 pin 5
LF Antenna Coil Balanced Output -
Neither leg should be grounded.
5.5 V
* Externally applied voltages from pin to ground cannot exceed these values.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com