Electronic Components Datasheet Search
  English  ▼

X  

S4100 Datasheet(PDF) 2 Page - Texas Instruments

Part # S4100
Description  Multi-Function Reader Module Data Sheet
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

S4100 Datasheet(HTML) 2 Page - Texas Instruments

  S4100 Datasheet HTML 1Page - Texas Instruments S4100 Datasheet HTML 2Page - Texas Instruments S4100 Datasheet HTML 3Page - Texas Instruments S4100 Datasheet HTML 4Page - Texas Instruments S4100 Datasheet HTML 5Page - Texas Instruments S4100 Datasheet HTML 6Page - Texas Instruments S4100 Datasheet HTML 7Page - Texas Instruments S4100 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
S4100 MULTI-FUNCTION READER MODULE
11-06-22-715 10/2003
2
WWW.TI-RFID.COM
SPECIFICATIONS
Attributes
Part Number
RF-MGR-MNMN-N0
Operating Frequency (HF)
13.56 MHz
Operating Frequency (LF)
134.2 kHz
Supported Transponders (HF)
TI Tag-it™ inlays and transponders
ISO 15693 compliant inlays and transponders
ISO 14443 Type A/B compliant inlays and transponders
Supported Transponders (LF)
TI LF transponders (DST, R/W & R/O)
Supported ISO Standards
ISO 15693
ISO 14443 Type A & B
Transmitter Power (HF)
200 mW
Transmitter Peak-Current (LF)
1.1 Amps Peak
Antenna Impedance (HF)
50 Ohms @ 13.56 MHz
Antenna Impedance (LF)
440 µH (Approximately)
Antenna Connection
Independent on-board LF & HF Connections
User Interface response
Three General Purpose Inputs/Outputs
Communication Interface
USART with up to 38.4 kbps data rate
Synchronization
Protocol synchronization via host
Approximate Dimensions:
PWB: 2.75” x 1.5” x 0.4” (69 mm x 38 mm x 10 mm)
Approximate Weight
Module: 0.43 Oz (12.2 g)
Absolute Maximum Ratings*
Value
Parameter
Symbol
Min
Max
Units
Supply Voltage
Vcc
+4.5
+5.5
Volts
Operating Temperature
-20
+70
°C
Storage Temperature
-45
+85
°C
Soldering Temperature**
260
°C
Soldering Time**
5
Sec
DC Electrical Parameters
Value
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Voltage
Vcc
+4.75
5.0
+5.25
Volts
Power On Reset
POR
Reset µC
+4.25
+4.38
+4.5
Volts
Current Parameters
Value
Parameter
Symbol
Min
Typ
Max
Units
Receive Current
30
60
100
mA
LF Transmit Current
95
140
200
mA
HF Transmit Current
75
120
180
mA
* Stresses beyond Absolute Maximum Ratings may cause permanent damage to the device. Exposure to Absolute Maximum Ratings for
extended periods may affect device reliability. As with all semiconductor products, proper measures with respect to ESD should be taken.
** Recommended solder: Kester 245 (SN63PB37), Recommended flux: Kester 951 (no clean flux)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com