Electronic Components Datasheet Search
  English  ▼

X  

LMV7239M5 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV7239M5
Description  45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7239M5 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMV7239M5 Datasheet HTML 3Page - National Semiconductor (TI) LMV7239M5 Datasheet HTML 4Page - National Semiconductor (TI) LMV7239M5 Datasheet HTML 5Page - National Semiconductor (TI) LMV7239M5 Datasheet HTML 6Page - National Semiconductor (TI) LMV7239M5 Datasheet HTML 7Page - National Semiconductor (TI) LMV7239M5 Datasheet HTML 8Page - National Semiconductor (TI) LMV7239M5 Datasheet HTML 9Page - National Semiconductor (TI) LMV7239M5 Datasheet HTML 10Page - National Semiconductor (TI) LMV7239M5 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Typical Performance Characteristics (Unless otherwise specified, V
S = 5V, CL = 10pF, TA =
25˚C). (Continued)
Input Bias Current vs. Input Voltage
Propagation Delay vs. Temperature
10135910
10135911
Propagation Delay vs. Capacitive Load
Propagation Delay vs. Capacitive Load
10135912
10135913
Propagation Delay vs. Input Overdrive
Propagation Delay vs. Input Overdrive
10135914
10135915
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com