Electronic Components Datasheet Search
  English  ▼

X  

LMV7239M5 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV7239M5
Description  45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7239M5 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMV7239M5 Datasheet HTML 5Page - National Semiconductor (TI) LMV7239M5 Datasheet HTML 6Page - National Semiconductor (TI) LMV7239M5 Datasheet HTML 7Page - National Semiconductor (TI) LMV7239M5 Datasheet HTML 8Page - National Semiconductor (TI) LMV7239M5 Datasheet HTML 9Page - National Semiconductor (TI) LMV7239M5 Datasheet HTML 10Page - National Semiconductor (TI) LMV7239M5 Datasheet HTML 11Page - National Semiconductor (TI) LMV7239M5 Datasheet HTML 12Page - National Semiconductor (TI) LMV7239M5 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Application Information
The LMV7235/LMV7239 are single supply comparators with
45ns of propagation delay and only 65µA of supply current.
The LMV7235/LMV7239 are rail-to-rail input and output. The
typical input common mode voltage range of −0.2V below
the ground to 0.2V above the supply. The LMV7235/
LMV7239 use a complimentary PNP and NPN input stage in
which the PNP stage senses common mode voltage near V−
and the NPN stage senses common mode voltage near V
+.
If either of the input signals falls below the negative common
mode limit, the parasitic PN junction formed by the substrate
and the base of the PNP will turn on resulting in an increase
of input bias current.
If one of the input goes above the positive common mode
limit, the output will still maintain the correct logic level as
long as the other input stays within the common mode range.
However, the propagation delay will increase. When both
inputs are outside the common mode voltage range, current
saturation occurs in the input stage, and the output becomes
unpredictable.
The propagation delay does not increase significantly with
large differential input voltages. However, large differential
voltages greater than the supply voltage should be avoided
to prevent damage to the input stage.
The LMV7239 has a push-pull output. When the output
switches, there is a direct path between V
CC and ground,
causing high output sinking or sourcing current during the
transition. After the transition, the output current decreases
and the supply current settles back to about 65µA at 5V, thus
conserving power consumption.
The LMV7235 has an open drain that requires a pull-up
resistor to a positive supply voltage for the output to switch
properly. When the internal output transistor is off, the output
voltage will be pulled up to the external positive voltage.
COMPARATOR WITH HYSTERESIS
The basic comparator configuration may oscillate or produce
a noisy output if the applied differential input voltage is near
the comparator’s offset voltage. This usually happens when
the input signal is moving very slowly across the compara-
tor’s switching threshold. This problem can be prevented by
the addition of hysteresis or positive feedback.
INVERTING COMPARATOR WITH HYSTERESIS
The inverting comparator with hysteresis requires a three
resistor network that is referenced to the supply voltage V
CC
of the comparator, as shown in Figure 1. When V
IN at the
inverting input is less than V
A, the voltage at the non-
inverting node of the comparator (V
IN < VA), the output
voltage is high (for simplicity assume V
O switches as high as
V
CC). The three network resistors can be represented as
R1||R3 in series with R2. The lower input trip voltage V
A1 is
defined as
V
A1 =VCCR2 / ((R1||R3) + R2)
When V
IN is greater than VA (VIN > VA), the output voltage is
low, very close to ground. In this case the three network
resistors can be presented as R2||R3 in series with R1. The
upper trip voltage V
A2 is defined as
V
A2 =VCC (R2||R3) / ((R1+ (R2||R3)
The total hysteresis provided by the network is defined as
Delta V
A =VA1-VA2
To assure that the comparator will always switch fully to V
CC
and not be pulled down by the load the resistors, values
should be chosen as follow:
R
PULL-UP << RLOAD
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com