Electronic Components Datasheet Search
  English  ▼

X  

ISG2027 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISG2027
Description  IGBT with fast recovery diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISG2027 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISG2027 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISG2027 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISG2027 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISG2027 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ISG2027
eq AOB15B65M1
IGBT with fast recovery diode
www.iscsemi.com
1
DESCRIPTION
·
Low Saturation Voltage:VCE(sat)= 1.7V@IC= 15A
·
High Current Capability
·
High Input Impedance
·
Fast Switching
APPLICATIONS
·
Motor Drives
·
Sewing Machines
·
Home Appliances
·
Fan, Pumps, Vacuum Cleaner
·
Other Hard Switching Applications
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VCE
Collector-Emitter Voltage
650
V
VGE
Gate-Emitter Voltage
±
30
V
IC
Collector Current-Continuous
@ TC=25℃
30
A
IC
Collector Current-Continuous
@ TC=100℃
15
A
ICM
Pulsed Collector Current
45
A
IF
Diode Forward Current
@ TC=25℃
30
A
IF
Diode Forward Current
@ TC=100℃
15
A
IFM
Pulsed forward current
45
A
PD
Power Dissipation ,
@ TC=25℃
214
W
Tj
Max. Operating Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~175
℃
G
C
E
C
A
B
D
F
G
H
L
S
V


Similar Part No. - ISG2027

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISG2020 ISC-ISG2020 Datasheet
349Kb / 4P
IGBT
ISG2021 ISC-ISG2021 Datasheet
369Kb / 3P
Field Stop IGBT
ISG2021 ISC-ISG2021 Datasheet
393Kb / 4P
Field Stop and trench IGBT
ISG2026 ISC-ISG2026 Datasheet
298Kb / 3P
IGBT
More results

Similar Description - ISG2027

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKP02N60 INFINEON-SKP02N60 Datasheet
397Kb / 13P
Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP15N60 INFINEON-SKP15N60 Datasheet
450Kb / 14P
Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKW15N120 INFINEON-SKW15N120 Datasheet
415Kb / 13P
FAST IGBT IN NPT-TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EmCon DIODE
Jul-02
SKW30N60 INFINEON-SKW30N60 Datasheet
393Kb / 13P
Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKB02N120 INFINEON-SKB02N120_07 Datasheet
1Mb / 13P
Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct 07
SKB02N60 INFINEON-SKB02N60_07 Datasheet
1Mb / 13P
Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.2 Oct. 07
SKW15N120 INFINEON-SKW15N120_08 Datasheet
348Kb / 13P
Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
logo
IXYS Corporation
IXGH32N90B2D1 IXYS-IXGH32N90B2D1 Datasheet
225Kb / 7P
HiPerFAST IGBT with Fast Diode
IXGH50N90B2D1 IXYS-IXGH50N90B2D1 Datasheet
208Kb / 7P
HiPerFAST IGBT with Fast Diode
IXGR32N90B2D1 IXYS-IXGR32N90B2D1 Datasheet
205Kb / 7P
HiPerFASTTM IGBT with Fast Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com