Electronic Components Datasheet Search
  English  ▼

X  

NJ3600L Datasheet(PDF) 2 Page - InterFET Corporation

Part # NJ3600L
Description  Silicon Junction Field-Effect Transistor Large Capacitance Detector Pre-Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

NJ3600L Datasheet(HTML) 2 Page - InterFET Corporation

  NJ3600L Datasheet HTML 1Page - InterFET Corporation NJ3600L Datasheet HTML 2Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01/99
F-49
NJ3600L Process
Silicon Junction Field-Effect Transistor
375
300
225
150
75
Drain to Source Voltage in Volts
02468
Drain Current as a Function of VDS
VGS = –1.2 V
VGS = –0.9 V
VGS = –0.6 V
VGS = –0.3 V
VGS = Ø V
VGS(OFF) = Ð1.25 V
Drain Source Cutoff Voltage in Volts
Drain Saturation Current as a Function of VGS(OFF)
0
– 0.5
– 1
– 1.5
– 2
500
400
300
200
100
Drain Saturation Current in mA
Gfs as a Function of IDSS
0
100
200
300
400
250
200
150
100
Gate Source Cutoff Voltage in Volts
Gfs as a Function of VGS(OFF)
0
– 0.4
– 0.8
– 1.2
– 1.6
200
150
100
50
Gate Source Voltage in Volts
Input Capacitance as a Function of VGS
0
– 4
– 8
– 12
– 16
1000
800
600
400
200
VDG = 10 V, ID = 20 mA
VDG = 10 V, Id = 20 mA
VDG = Ø V
10
100
1K
10K
100K
0.6
0.4
0.2
Frequency in Hz
Noise as a Function of Frequency
VDG = 3 V
ID = 5 mA
Databook.fxp
1/13/99 2:09 PM
Page F-49



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com