Electronic Components Datasheet Search
  English  ▼

X  

AH276Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH276Q
Description  COMPLEMENTARY OUTPUT HALL EFFECT LATCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH276Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AH276Q Datasheet HTML 1Page - Diodes Incorporated AH276Q Datasheet HTML 2Page - Diodes Incorporated AH276Q Datasheet HTML 3Page - Diodes Incorporated AH276Q Datasheet HTML 4Page - Diodes Incorporated AH276Q Datasheet HTML 5Page - Diodes Incorporated AH276Q Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AH276Q
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q Rev. 1
2 of 6
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
12
4
3
276
1uF/25V
12V
Brush-less DC Fan
Block Diagram
1
RE G .
H a ll P la te
Am p
DO
GN D
2
3
4
Vc c
DO B
276
12
4
3
1 : Vcc
2 : DO
3 : DOB
4 :GND
Front View
Name
P/I/O
Pin #
Description
Vcc
P
1
Power Supply Input
DO
O
2
Output Pin
DOB
O
3
Output Pin
GND
P
4
Ground
Pin Assignment



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com