Electronic Components Datasheet Search
  English  ▼

X  

AH276Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH276Q
Description  COMPLEMENTARY OUTPUT HALL EFFECT LATCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH276Q Datasheet(HTML) 3 Page - Diodes Incorporated

  AH276Q Datasheet HTML 1Page - Diodes Incorporated AH276Q Datasheet HTML 2Page - Diodes Incorporated AH276Q Datasheet HTML 3Page - Diodes Incorporated AH276Q Datasheet HTML 4Page - Diodes Incorporated AH276Q Datasheet HTML 5Page - Diodes Incorporated AH276Q Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AH276Q
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q Rev. 1
3 of 6
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings ( @ TA=25°C )
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
20
V
Reverse VCC Polarity Voltage
VRCC
-20
V
Magnetic flux density
B
Unlimited
Continuous
0.4
Hold
0.5
Output “on” current*
Peak (Start Up)
Io
0.7
A
Operating temperature range
TA
-20~+85
°C
Storage temperature range
Ts
-65~+150
°C
Package Power Dissipation (SIP-4)
PD
550
mW
Maximum Junction Temp
Tj
150
°C
Thermal Resistance (SIP-4)
θ jc
227
°C/W
*
Note:
4. Pd shall be within Safety Operation Area.
Tj
Ta
θ
ja
θjc
Tc
Electrical Characteristics (TA=+25°C)
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
Vcc
(Note 5)
3.5
-
20
V
Output Zener Breakdown
Vz
(Note 6)
-
35
-
V
Output Saturation Voltage Vce(sat)
Vcc=14V, IL=400mA
-
0.6
0.9
V
Output Leakage Current
Icex
Vce=14V, Vcc=14V
-
<
0.1
10
µA
Supply Current
Icc
Vcc=20V, Output Open
7
16
25
mA
Note:
5. The output DO/DOB is switching as magnetic field change (S>300G, N<-300G).
6. Vz is a typical value for design reference. Vz will vary with different coils design.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com