Electronic Components Datasheet Search
  English  ▼

X  

AP78L05 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP78L05
Description  5V OUTPUT 3-TERMINAL POSITIVE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78L05 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP78L05 Datasheet HTML 1Page - Diodes Incorporated AP78L05 Datasheet HTML 2Page - Diodes Incorporated AP78L05 Datasheet HTML 3Page - Diodes Incorporated AP78L05 Datasheet HTML 4Page - Diodes Incorporated AP78L05 Datasheet HTML 5Page - Diodes Incorporated AP78L05 Datasheet HTML 6Page - Diodes Incorporated AP78L05 Datasheet HTML 7Page - Diodes Incorporated AP78L05 Datasheet HTML 8Page - Diodes Incorporated AP78L05 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AP78L05
5.0V OUTPUT 3-TERMINAL POSITIVE REGULATOR
AP78L05 Rev. 4
5 of 9
APRIL 2007
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
Peak Output Current
0
50
100
150
200
250
300
350
5
10
1520
2530
INPUT-OUTPUT DIFFERENTIAL(V)
T
A=150℃
T
A=25℃
T
A=-25℃
∆V
OUT=100mV
Quiescent Current
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
5
1015
20
2530
INPUT VOLTAGE(V)
VOUT=5V
IOUT=40mA
TA=25℃
Quiescent Current
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
-25
0
25
50
75
100
125
JUNCTION TEMPERATURE(℃)
VIN=10V
VOUT=5V
IOUT=40mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com