Electronic Components Datasheet Search
  English  ▼

X  

AP78L05 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP78L05
Description  5V OUTPUT 3-TERMINAL POSITIVE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78L05 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP78L05 Datasheet HTML 1Page - Diodes Incorporated AP78L05 Datasheet HTML 2Page - Diodes Incorporated AP78L05 Datasheet HTML 3Page - Diodes Incorporated AP78L05 Datasheet HTML 4Page - Diodes Incorporated AP78L05 Datasheet HTML 5Page - Diodes Incorporated AP78L05 Datasheet HTML 6Page - Diodes Incorporated AP78L05 Datasheet HTML 7Page - Diodes Incorporated AP78L05 Datasheet HTML 8Page - Diodes Incorporated AP78L05 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP78L05
5V OUTPUT 3-TERMINAL POSITIVE REGULATOR
AP78L05 Rev. 4
1 of 9
APRIL 2007
www.diodes.com
© Diodes Incorporated
Lead-free
•
5.0V output voltage with tolerances of
±5% over the
operating temperature ranges
•
Output current in excess of 100mA
•
Internal thermal overload protection
•
Output transistor safe area protection
•
Internal short circuit current limiting
•
No external components
•
Available in plastic TO92-3L and plastic SOP-8L low
profile packages
•
Lead Free Finish / RoHS Compliant (Note 1)
•
SOP-8L: Available in “Green” Molding Compound (No
Br, Sb) (Note 2)
The AP78L05 is a three terminal positive regulator available with
fixed output voltages. It can be used in a wide range of
applications. It can provide local on-card regulation, eliminating
the distribution problems associated with single point regulation.
The voltages available allow the AP78L05 to be used in logic
system, instrumentation, HiFi, and other solid state electronic
equipments.
The AP78L05 is available in the plastic TO92-3L and SOP-8L
package using industrial standard package technology. The
regulator can deliver 100mA output current with adequate heat
sinking. Current limiting is included to limit the peak output
current to a safe value. Safe area protection for the output
transistors is provided to limit internal power dissipation. Thermal
overload protection is integrated to prevent the IC from overheat
due to abnormal condition.
•
Communication
•
CD-ROM
•
DVD-Player
•
Set-Top Box
Ordering Information
Package
X X X
Packing
-A : Ammo Box
Lead Free
L : Lead Free (Note 1)
AP78L05
V : TO92-3L
-13 : Taping
G : Green (Note 2)
S : SOP-8L
Note:
1. TO92-3L is available in “Lead Free” product only.
2. SOP-8L is available in “Green” product only.
3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Ammo Box / Tube
Tape and Reel
Device
Package
Code
Packaging
(Note 4)
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP78L05V
V
TO92-3L
2000/Box
-A
NA
NA
AP78L05S
S
SOP-8L
NA
NA
2500/Tape & Reel
-13
Note:
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications


Similar Part No. - AP78L05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP78L05 DIODES-AP78L05 Datasheet
305Kb / 16P
AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
Rev 10
AP78L05 DIODES-AP78L05_09 Datasheet
284Kb / 15P
AP78LXX SERIES 3-TERMINAL POSITIVE
AP78L05/08/12 Rev. 9
More results

Similar Description - AP78L05

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE931 NTE-NTE931 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 3A
NTE960 NTE-NTE960 Datasheet
25Kb / 2P
Integrated Circuit 3-Terminal Positive Voltage Regulator, 5V
logo
List of Unclassifed Man...
TS317CP ETC-TS317CP Datasheet
438Kb / 8P
3-Terminal Adjustable Output Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L Datasheet
311Kb / 6P
3-Terminal Adjustable Output Positive Voltage Regulator
logo
List of Unclassifed Man...
PJ317 ETC1-PJ317 Datasheet
355Kb / 11P
3-Terminal Adjustable Output Positive Voltage Regulator
logo
Fairchild Semiconductor
MC78L05AB FAIRCHILD-MC78L05AB Datasheet
38Kb / 6P
3-Terminal 0.1A 5V Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS317 TSC-TS317 Datasheet
401Kb / 8P
3-Terminal Adjustable Output Positive Voltage Regulator
logo
Fairchild Semiconductor
KA78L05AI FAIRCHILD-KA78L05AI Datasheet
59Kb / 6P
3-Terminal 0.1A 5V Positive Voltage Regulator
MC78L05AB FAIRCHILD-MC78L05AB_12 Datasheet
51Kb / 6P
3-Terminal 0.1A 5V Positive Voltage Regulator
logo
ACE Technology Co., LTD...
ACE78L05S ACE-ACE78L05S Datasheet
409Kb / 6P
5V 3-Terminal Positive Voltage Regulator
VER1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com