Electronic Components Datasheet Search
  English  ▼

X  

AP139 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP139
Description  300mA LOW-NOISE CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP139 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP139 Datasheet HTML 1Page - Diodes Incorporated AP139 Datasheet HTML 2Page - Diodes Incorporated AP139 Datasheet HTML 3Page - Diodes Incorporated AP139 Datasheet HTML 4Page - Diodes Incorporated AP139 Datasheet HTML 5Page - Diodes Incorporated AP139 Datasheet HTML 6Page - Diodes Incorporated AP139 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP139
300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
5 of 7
MARCH 2007
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.0E+00 1.0E+01
1.0E+02 1.0E+03
1.0E+04 1.0E+05 1.0E+06
Power Supply Rejection Ratio
Frequency (Hz)
100mA
10mA
1mA
BP=0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1.5
1.8
2
2.5
2.8
3
3.3
3.5
Vout Vs Current Limit
Vcc=5V
Vout (V)
0
50
100
150
200
250
300
350
400
3.5
4
4.5
5
5.5
6
Vc c Vs Sh o r t C u r r e n t
V cc (V )
T op to b o ttom
V out= 1 .5 V
V out= 1 .8 V
V out= 2 .5 V
V out= 3 .3 V
Function Description
The AP139 of CMOS regulators contain a PMOS pass transistor,
voltage reference, error amplifier, over-current protection,
thermal shutdown.
The P-channel pass transistor receives data from the error
amplifier, over-current protection, and thermal protection circuits.
During normal operation, the error amplifier compares the output
voltage to a precision reference. The over-current and thermal
shutdown circuits become active when the junction temperature
exceeds 130
oC, or the current exceeds 300mA. During thermal
shutdown, the output voltage remains low. Normal operation is
restored when the junction temperature drops below 110
oC.
The AP139 switches from voltage mode to current mode when
the load exceeds the rated output current. This prevents
over-stress.
Enable
The enable pin normally floats high. When actively, pulled low,
the PMOS pass transistor shuts off, and all internal circuits are
powered down. In this state, the quiescent current is less than
2µA. This pin behaves much like an electronic switch.
External Capacitor
The AP139 is stable with a low ESR output capacitor to ground of
1.0µF or greater. It can keep stable even with higher ESR
capacitors. A second capacitor is recommended between the
input and ground to stabilize VIN. The input capacitor should be
larger than 0.1µF to have a beneficial effect. All capacitors should
be placed in close proximity to the pins. A “quiet” ground
termination is desirable.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com