Electronic Components Datasheet Search
  English  ▼

X  

AP139 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP139
Description  300mA LOW-NOISE CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP139 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP139 Datasheet HTML 1Page - Diodes Incorporated AP139 Datasheet HTML 2Page - Diodes Incorporated AP139 Datasheet HTML 3Page - Diodes Incorporated AP139 Datasheet HTML 4Page - Diodes Incorporated AP139 Datasheet HTML 5Page - Diodes Incorporated AP139 Datasheet HTML 6Page - Diodes Incorporated AP139 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP139
300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
3 of 7
MARCH 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(TA = +25ºC, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
Note 4
-
5.5
V
IQ
Quiescent Current
IO = 0mA
-
45
60
µA
ISTB
Standby Current
VIN = 5.0V, VOUT = 0V, VEN < VEL
-
2.0
3.0
µA
Output Voltage Accuracy IO = 1mA, VIN = 5V
-2
-
2
%
VOUT
VOUT Temperature
Coefficient
-
50
-
ppm/
oC
VDROPOUT Dropout Voltage
IO = 1mA to 300mA,
VOUT = VO(NOM) - 1.5%
VO ≥2.8V
-
-
0.45
V
IOUT
Output Current
300
-
-
mA
ILIMIT
Current Limit
VOUT > 1.05V
300
450
-
mA
Ishort
Short Circuit Current
Vcc = 5V, Vout < 1.05V
-
150
300
mA
△
VLINE Line Regulation
IOUT=1mA, VIN =( VOUT +1V ) to 5.5V
-
0.1
0.3
%
△
VLOAD Load Regulation
IO = 1mA to 300mA, VIN = 5V
-
0.3
1
%
f = 1KHz
-
60
-
f = 10KHz
-
50
-
PSRR
Power Supply Rejection
IO = 100mA,
CO = 2.2µF ceramic
f = 100KHz
-
40
-
dB
f = 1KHz
-
75
-
f = 10KHz
-
55
-
PSRR
Power Supply Rejection
IO = 100mA,
CO = 2.2µF ceramic,
CBYP = 20nF
f = 100KHz
-
30
-
dB
VEH
Output ON
1.7
-
-
V
VEL
EN Input Threshold
Output OFF
-
-
0.8
V
IEN
Enable Pin Current
-
-
<0.1
µA
OTS
Over Temperature
Shutdown
-
130
-
oC
OTH
Over Temperature
Hysteresis
-
20
-
oC
θJA
Thermal Resistance
SOT25 (Note 4)
226
ºC/W
θJC
Thermal Resistance
SOT25 (Note 4)
34
ºC/W
Note:
3. VIN(MIN) = VOUT + VDROPOUT.
4. Test conditions for SOT25: Devices mounted on FR-4 PC board, MRP, 1 oz. copper, single sided, calibrate at TJ=85 ºC, measure at TA=25 ºC,
no heat Sink, no air flow.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com