Electronic Components Datasheet Search
  English  ▼

X  

AP358 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP358 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP358 Datasheet HTML 1Page - Diodes Incorporated AP358 Datasheet HTML 2Page - Diodes Incorporated AP358 Datasheet HTML 3Page - Diodes Incorporated AP358 Datasheet HTML 4Page - Diodes Incorporated AP358 Datasheet HTML 5Page - Diodes Incorporated AP358 Datasheet HTML 6Page - Diodes Incorporated AP358 Datasheet HTML 7Page - Diodes Incorporated AP358 Datasheet HTML 8Page - Diodes Incorporated AP358 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AP358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
5 of 15
OCTOBER 2006
www.diodes.com
© Diodes Incorporated
Electrical Characteristics ( Continued ) ( V
+ = +5.0V, unless otherwise stated ) (Note 5)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN
- = 1V, V
IN
+ = 0V,
V
+ = 15V, V
O = 2V,
TA = 25°C
10
20
-
mA
ISINK
Sink
VIN
- = 1V, V
IN
+ = 0V,
V
+ = 15V, V
O =
200mV, TA = 25°C
20
70
-
µA
ISOURCE
Output Current
Source
VIN
+ = 1V, V
IN
- = 0V,
V
+ = 15V, V
O = 2V,
TA = 25°C
20
40
-
mA
ISC
Short Circuit to Ground
TA = 25°C, (Note 5)
V
+ = 15V
-
40
60
mA
RL = 2kΩ, TA = 25
oC
26
-
-
V
VOH
(V
+=30V)
RL = 10kΩ, TA = 25
oC
27
28
-
V
VOL
Output Voltage Swing
(V
+=5V)
RL = 10kΩ, TA = 25
oC
-
5
20
mV
Note:
5. Short circuits from the output to V
+ can cause excessive heating and eventual destruction. When considering short circuits
to ground, the maximum output current is approximately 40mA independent of the magnitude of V
+. At values of supply
voltage in excess of +15V, continuous short-circuits can exceed the power dissipation ratings and cause eventual
destruction. Destructive dissipation can result from simultaneous shorts on all amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com