Electronic Components Datasheet Search
  English  ▼

X  

AP358 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP358 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP358 Datasheet HTML 2Page - Diodes Incorporated AP358 Datasheet HTML 3Page - Diodes Incorporated AP358 Datasheet HTML 4Page - Diodes Incorporated AP358 Datasheet HTML 5Page - Diodes Incorporated AP358 Datasheet HTML 6Page - Diodes Incorporated AP358 Datasheet HTML 7Page - Diodes Incorporated AP358 Datasheet HTML 8Page - Diodes Incorporated AP358 Datasheet HTML 9Page - Diodes Incorporated AP358 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AP358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
6 of 15
OCTOBER 2006
www.diodes.com
© Diodes Incorporated
Typical Single-Supply Circuit ( Continued ) ( V
+ = 5.0 V
DC )
Non-Inverting DC Gain ( 0V Output )
+
-
+V
O
R2
1M
R1
10K
+V
IN
*
*R not needed due to temperature independent I
IN
1/2 AP358
V
IN (mV)
GAIN=1+
=101(as shown)
R2
R1
+5V
DC Summing Amplifier
(V
IN'S
> 0 V
DC
and V
O
> 0 V
DC
)
+
-
R
100K
R
100K
R
100K
R
100K
+V
1
+V
2
+V
3
+V
4
R
100K
R
100K
V
O
Where: V
O=V1+V2-V3-V4
(V
1+V2) > (V3+V4) to keep VO > 0 VDC
1/2 AP358
+
-
V
O
V+
R1
910K
R2
100K
R3
91K
R
L
+V
IN
Power Amplifier
V
O=0 VDC for VIN = 0 VDC
A
V =10
1/2 AP358
+
-
+
-
+
-
V+
C2
330pF
"BI-QUAD" RC Active Bandpass Filter
R1
100K
R2
100K
R3
100K
R4
10M
R5
470K
R6
100K
R8
100K
R7
470K
C1
330pF
C3
10
µF
+
V
O
V
IN
f
O= 1KHz
Q = 50
1/2 AP358
1/2 AP358
1/2 AP358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com