Electronic Components Datasheet Search
  English  ▼

X  

AP1086 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1086
Description  1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1086 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1086 Datasheet HTML 1Page - Diodes Incorporated AP1086 Datasheet HTML 2Page - Diodes Incorporated AP1086 Datasheet HTML 3Page - Diodes Incorporated AP1086 Datasheet HTML 4Page - Diodes Incorporated AP1086 Datasheet HTML 5Page - Diodes Incorporated AP1086 Datasheet HTML 6Page - Diodes Incorporated AP1086 Datasheet HTML 7Page - Diodes Incorporated AP1086 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP1086
1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1086 Rev. 2
1 of 8
MARCH 2007
www.diodes.com
© Diodes Incorporated
Lead-free
Lead-free
Lead-free
•
3-Terminal Adjustable or Fixed 1.5V, 1.8V, 2.5V,3.3V,
5.0V
•
1.4V Maximum Dropout at Full Load Current
•
Fast Transient Response
•
Built-in Thermal Shutdown
•
Output Current Limiting
•
Packages: TO252-3L, TO263-3L, and TO220-3L
•
Lead Free Finish/RoHS Compliant for Lead Free
products (Note 1)
AP1086 is a low dropout positive adjustable or fixed-mode
regulator with 1.5A output current capability. The product is
specifically designed to provide well-regulated supply for low
voltage IC applications such as high-speed bus termination and
low current 3.3V logic supply. AP1086 is also well suited for other
applications such as VGA cards. AP1086 is guaranteed to have
lower than 1.4V dropout at full load current making it ideal to
provide well-regulated outputs of 1.25V to 5.0V with 4.7 to 12V
input supply by different output voltage.
AP1086 X X X X
Low Dropout Regulator
Package
Vout
D : TO252-3L
K : TO263-3L
T : TO220-3L
Blank : Adj
15 = 1.5V
18 = 1.8V
25 = 2.5V
33 = 3.3V
50 = 5.0V
Packing
-U : Tube
-13 : Taping
Lead Free
L : Lead Free Package
Note: 1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Tube/Bulk
13” Tape and Reel
Device
Package
Code
Packaging
(Note 2)
Quantity
Part Number
Suffix
Quantity
Part Number Suffix
AP1086D
D
TO252-3L
80
-U
2500/Tape & Reel
-13
AP1086K
K
TO263-3L
50
-U
800/Tape & Reel
-13
AP1086T
T
TO220-3L
50
-U
NA
NA
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
3
Thermal
Shutdown
1
2 Vout
Adj
1.25V
+
+
CURRENT
LIMIT
Vin
+
-
+
Features
General Description
Ordering Information
Block Diagram


Similar Part No. - AP1086

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1086 ANACHIP-AP1086 Datasheet
207Kb / 9P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.3 Jun. 8, 2005
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
205Kb / 10P
1.5A LOW DROPOUT POSITIVE ADJUSTABLE
DS31028 Rev. 6 - 2
logo
Anachip Corp
AP1086D ANACHIP-AP1086D Datasheet
207Kb / 9P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.3 Jun. 8, 2005
AP1086D15 ANACHIP-AP1086D15 Datasheet
207Kb / 9P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.3 Jun. 8, 2005
AP1086D15A ANACHIP-AP1086D15A Datasheet
207Kb / 9P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.3 Jun. 8, 2005
More results

Similar Description - AP1086

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1086 ANACHIP-AP1086 Datasheet
207Kb / 9P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.3 Jun. 8, 2005
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
GTM CORPORATION
G3U1086 GTM-G3U1086 Datasheet
302Kb / 4P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1086D33G-13 DIODES-AP1086D33G-13 Datasheet
205Kb / 10P
1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Rev 6
logo
E-Tech Electronics LTD
GE1086 ETL-GE1086 Datasheet
268Kb / 4P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 ETL-GU1086 Datasheet
304Kb / 4P
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com